Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTM02G Datasheet(PDF) 2 Page - Analog Microelectronics

Part # ATTM02G
Description  Processor Thermal Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATTM02G Datasheet(HTML) 2 Page - Analog Microelectronics

  ATTM02G Datasheet HTML 1Page - Analog Microelectronics ATTM02G Datasheet HTML 2Page - Analog Microelectronics ATTM02G Datasheet HTML 3Page - Analog Microelectronics ATTM02G Datasheet HTML 4Page - Analog Microelectronics ATTM02G Datasheet HTML 5Page - Analog Microelectronics ATTM02G Datasheet HTML 6Page - Analog Microelectronics ATTM02G Datasheet HTML 7Page - Analog Microelectronics ATTM02G Datasheet HTML 8Page - Analog Microelectronics ATTM02G Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AME, Inc.
2
ATTM01/ATTM02
Processor Thermal Monitor
Rev. B.01
Ordering Information
※
Part number
Package
SMBus address
Marking
ATTM01
SOP-8
0x90
TM01
ATTM01G
SOP-8, Green
0x90
TM01G
ATTM01M
MSOP-8
0x90
TM01M
ATTM01MG
MSOP-8, Green
0x90
TM01MG
ATTM02
SOP-8
0x94
TM02
ATTM02G
SOP-8, Green
0x94
TM02G
ATTM02M
MSOP-8
0x94
TM02M
ATTM02MG
MSOP-8, Green
0x94
TM02MG
4. Pin Description
Pin No.
Pin Name
I/O Type
Function
1
VDD
Power
3.3V Power Input.
2
D+
AIN
Thermal diode anode Input
3
D-
AIN
Thermal diode cathode Input.
4
OVERT#
OD
Power supply shutdown control.
5
GND
Ground
Ground pin.
6
ALERT#
OD
SMBus alert (interrupt) Output.
7
SMBDATA
I/OD
SMBus bi-directional data line.
8
SMBCLK
IN
SMBus clock Input.
Pin Type Description
OD - Open-drain output
IN - Input pin
AIN - Analog input.
I/OD - Bi-directional with open-drain output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com