Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTM02G Datasheet(PDF) 3 Page - Analog Microelectronics

Part # ATTM02G
Description  Processor Thermal Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATTM02G Datasheet(HTML) 3 Page - Analog Microelectronics

  ATTM02G Datasheet HTML 1Page - Analog Microelectronics ATTM02G Datasheet HTML 2Page - Analog Microelectronics ATTM02G Datasheet HTML 3Page - Analog Microelectronics ATTM02G Datasheet HTML 4Page - Analog Microelectronics ATTM02G Datasheet HTML 5Page - Analog Microelectronics ATTM02G Datasheet HTML 6Page - Analog Microelectronics ATTM02G Datasheet HTML 7Page - Analog Microelectronics ATTM02G Datasheet HTML 8Page - Analog Microelectronics ATTM02G Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AME, Inc.
3
ATTM01/ATTM02
Processor Thermal Monitor
Rev. B.01
n Typical Application
C3
10u
C1
100p
Shutdown circuit
3.3Vsb
R6
4.7k
C4
47p
3.3V
South bridge
R2
4.7k
CPU
THERMTRIP#
SCLK
R7
4.7k
U2
ATTM01/ATTM02
1
2
3
4
5
6
7
8
VDD
D+
D
-
OVERT#
GND
ALERT#
SMBDATA
SMBCLK
R4
0
R1
4.7k
C2
0.1u
VCORE
C5
47p
SDA
3.3V
C6
2.2n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com