Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTM02G Datasheet(PDF) 9 Page - Analog Microelectronics

Part # ATTM02G
Description  Processor Thermal Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATTM02G Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button ATTM02G Datasheet HTML 5Page - Analog Microelectronics ATTM02G Datasheet HTML 6Page - Analog Microelectronics ATTM02G Datasheet HTML 7Page - Analog Microelectronics ATTM02G Datasheet HTML 8Page - Analog Microelectronics ATTM02G Datasheet HTML 9Page - Analog Microelectronics ATTM02G Datasheet HTML 10Page - Analog Microelectronics ATTM02G Datasheet HTML 11Page - Analog Microelectronics ATTM02G Datasheet HTML 12Page - Analog Microelectronics ATTM02G Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AME, Inc.
9
ATTM01/ATTM02
Processor Thermal Monitor
Rev. B.01
Type
Position
Bits
I
Function
RO
[7]
1
0
ADC converting data.
RC
[6]
1
0
The ADC measure the temperature of local diode that
exceed the alerting high limit. When software reading
this register it will reset to zero if active condition no
more satisfy.
RC
[5]
1
0
The ADC measure the temperature of local diode that
below the alerting low limit. W hen software reading this
register it will reset to zero if active condition no more
satisfy.
RC
[4]
1
0
The ADC measure the temperature of remote diode that
exceed the alerting high limit. When software reading
this register it will reset to zero if active condition no
more satisfy.
RC
[3]
1
0
The ADC measure the temperature of remote diode that
below the alerting low limit. W hen software reading this
register it will reset to zero if active condition no more
satisfy.
RO
[2]
1
0
The ADC detects the DXP and DXN pins disconnect to
remote diode.
RC
[1]
1
0
The ADC measure the temperature of remote diode that
exceed the remote diode critical limit. When software
reading this register it will reset to zero if active
condition no more satisfy.
RC
[0]
1
0
The ADC measure the temperature of local diode that
exceed the local diode critical limit. When software
reading is register it will reset to zero if active condition
no more satisfy.
LCRITI_REG
RTHOT_REG
RTCOOL_REG
DIODE_OPEN
RCRITI_REG
Field
BUSY
LTHOT_REG
LTCOOL_REG
Type
Position
Bits
I
Function
RO
[7:0]
8
0
Local diode higher byte temperature data.
Bit 7 denotes the sign bit. The LSB represents 1℃.
Field
ADCLOCA_DATA
9. Hardware Monitor Register
The following registers define the temperature sensor control and status registers, data registers and SMBus slave
address register.
9.1 Local Diode Higher Byte Temperature Register, Access Address:
“Command Index = 0h”
Type
Position
Bits
I
Function
RO
[7:0]
8
0
Remote diode higher byte temperature data.
The bit 7 denotes the sign bit. The LSB represents
the 1 ℃.
Field
ADCREMOTE_DATA
9.2 Remote Diode Higher Byte Temperature Register, Access Address:
“Command Index = 1h”
9.3 Temperature Sensor Status Register, Access Address:
“Command Index = 2h”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com