Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTM02G Datasheet(PDF) 5 Page - Analog Microelectronics

Part # ATTM02G
Description  Processor Thermal Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATTM02G Datasheet(HTML) 5 Page - Analog Microelectronics

  ATTM02G Datasheet HTML 1Page - Analog Microelectronics ATTM02G Datasheet HTML 2Page - Analog Microelectronics ATTM02G Datasheet HTML 3Page - Analog Microelectronics ATTM02G Datasheet HTML 4Page - Analog Microelectronics ATTM02G Datasheet HTML 5Page - Analog Microelectronics ATTM02G Datasheet HTML 6Page - Analog Microelectronics ATTM02G Datasheet HTML 7Page - Analog Microelectronics ATTM02G Datasheet HTML 8Page - Analog Microelectronics ATTM02G Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AME, Inc.
5
ATTM01/ATTM02
Processor Thermal Monitor
Rev. B.01
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Serial Clock Frequency
fSMBCLK
(Note 3)
100
kHz
START Condition Setup Time
4.7
µs
Repeat START Condition Setup Time
tSU:STA
90% to 90%
50
ns
START Condition Hold Time
tHD:STA
10% of SMBDATA to 90% of SMBCLK
4
µs
STOP Condition Setup Time
tSU:STO
90% of SMBCLK to 90% of SMBDATA
4
µs
Clock Low Period
tLOW
10% to 10%
4.7
µs
Clock High Period
tHIGH
90% to 90%
4
µs
Data Setup Time
tHD:DAT
(Note 4)
250
µs
Receive SMBCLK/SMBDATA Rise Time
tR
1
µs
Receive SMBCLK/SMBDATA Fall Time
tF
300
ns
Pulse Width of Spike Suppressed
tSP
0
60
ns
SMBus Timeout
tTIMEOUT SMBDATA low period for interface reset
25
37
45
ms
SMBus-COMPATIBLE TIMING (Note 2)
µs
Bus Free Time Between STOP and
START Condition
tBUF
4.7
6. Electrical Specifications
Note 1: All parameters tested at a single temperature. Specifications over temperature are guaranteed by design.
Note 2: Timing specifications guaranteed by design.
Note 3: The serial interface resets when SMBCLK is low for more than t
TIMEOUT.
Note 4: A transition must internally provide at least a hold time to bridge the undefined region (300ns max) of
SMBCLK
’s falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com