Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTM02G Datasheet(PDF) 7 Page - Analog Microelectronics

Part # ATTM02G
Description  Processor Thermal Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATTM02G Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button ATTM02G Datasheet HTML 3Page - Analog Microelectronics ATTM02G Datasheet HTML 4Page - Analog Microelectronics ATTM02G Datasheet HTML 5Page - Analog Microelectronics ATTM02G Datasheet HTML 6Page - Analog Microelectronics ATTM02G Datasheet HTML 7Page - Analog Microelectronics ATTM02G Datasheet HTML 8Page - Analog Microelectronics ATTM02G Datasheet HTML 9Page - Analog Microelectronics ATTM02G Datasheet HTML 10Page - Analog Microelectronics ATTM02G Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AME, Inc.
7
ATTM01/ATTM02
Processor Thermal Monitor
Rev. B.01
8. SMBus Protocol
In this chip it supports the write byte and read byte mode protocol. The following is SMBus read/write data format.
Write Byte Format:
START
Slave
Address
WR
ACK
COMMAND
ACK
DATA
ACK
STOP
1 bit
7 bits
1 bit
1 bit
8 bits
1 bit
8 bits
1 bit
1 bit
The COMMAND Byte is selects that register you are writing to. The DATA Byte is data goes into the register set by
the command byte (to set thresholds, configuration, and update rate).
Read Byte Format:
S
Address
WR
ACK
COMMAND
ACK
S
Address1
RD
ACK
DATA
NAK
STOP
1 bit
7 bits
1 bit
1 bit
8 bits
1 bit
1 bit
8 bits
1 bit
1 bit
8 bits
1 bit
1 bit
The S denotes Start Bit. Address represents slave address. The COMMAND Byte is selects that register you are
reading from. The Address1 is due to change in data flow direction. The DATA Byte is reads from the register set by the
command byte. The in above table the red color denotes Slaver transmission.
SMBus Write Timing Diagram:
A
B
C
D
E
F
G
H
I
J
K
L
M
SMBCLK
SMBDATA
A = START CONDITION
B = MSB OF ADDRESS CLCOKED INTO SLAVE
C = LSB OF ADDRESS CLOCKED INTO SLAVE
D = R/W_ BIT CLOCKED INTO SLAVE
E = SLAVE PULL SMBDATA BUS LOW
F = ACKNOWLEDGE BIT CLOCKED INTO MASTER
G = MSB OF DATA CLOCKED INTO SLAVE
H = LSB OF DATA CLOCKED INTO SLAVE
I = SLAVE PULLS SMBDATA BUS LOW
J = ACKNOWLEDGE BIT CLOCKED INTO MASTER
K = ACKNOWLEDGE CLEAR PULSE
L = STOP CONDITION DATA EXECUTED BY SLAVE
M = NEW START CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com