Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5072BA Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5072BA
Description  155MHz VCXO Module IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5072BA Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5072BA Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CF5072BA
SEIKO NPC CORPORATION —4
PAD LAYOUT
(Unit:
µm)
PAD DESCRIPTION AND DIMENSIONS
Chip size: 1.82
× 1.00mm
Chip thickness: 300 ± 30µm
Pad size: 110
× 100µm (TEST pin only = 90 × 90µm)
Chip base: VSS potential
Pad No.
Name
I/O
Function
Pad dimensions [µm]
Pad size [µm]
XYXY
1
VSS1
–
Oscillator ground
125
135
110
100
2
TEST
I
IC test pin (leave open circuit for normal operation)
1283
160
90
90
3
OE
I
Output enable, with pull-up resistor built-in
1695
135
110
100
4
VSS2
–
Ground
1695
268
110
100
5
OUT
O
Differential PECL non-inverting output (true)
1695
460
110
100
6
OUTN
O
Differential PECL inverting output (complementary)
1695
673
110
100
7
VDD1
–
ECL buffer supply
1695
865
110
100
8
VDD2
–
Supply
643
865
100
110
9
XIN
I
Crystal unit connection
125
828
110
100
10
XC
I
Varicap anode connection
125
708
110
100
11
NC
–
No connection
125
495
110
100
12
XR1
1. The XR pin electrostatic withstand voltage is weaker than the other pins. The electrostatic withstand voltage of pins, excluding XR, is the same as that
for existing NPC devices.
I
Varicap cathode connection and inductor connection
125
375
110
100
13
VC
I
Control voltage pin
125
255
110
100
(1820,1000)
XIN
1
13
12
11
10
9
6
7
8
3
4
5
2
XC
NC
XR
VC
VSS1
VDD2
TEST
VDD1
OUTN
OUT
VSS2
OE
(0,0)
X
Y



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com