Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5072BA Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # CF5072BA
Description  155MHz VCXO Module IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5072BA Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

  CF5072BA Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CF5072BA
SEIKO NPC CORPORATION —7
MEASUREMENT CIRCUITS
Measurement Circuit 1
Measurement Circuit 2
Measurement Circuit 3
Measurement Circuit 4
Measurement Circuit 5
Measurement Circuit 6
Measurement Circuit 7
Parameters: IDD, Duty1, Duty2, VOpp, tr, tf
Parameters: VOH, VOL
When XIN = HIGH:
OUT is tied LOW (VOL)
OUTN is tied HIGH (VOH)
When XOUT = LOW: OUT is tied HIGH (VOH)
OUTN is tied LOW (VOL)
Parameters: VIH, VIL, tOE, tOD
VIH: output state changes VSS → VDD
VIL: output state changes VDD → VSS
OE: disable function
VDD1
XIN
XC
VDD2
OUTN
VSS2
OUT
RP
50
Ω
VDD
−2V
A IDD
XR
VC
VSS1
LS
50
Ω
VDD1
XIN
VDD2
OUTN
VSS2
OUT
50
Ω
VDD
−2V
TEST
VSS1
50
Ω
1k
Ω
V
V
VOH,VOL
VDD1
XIN
XC
VDD2
OUTN
VSS2
OUT
RP
50
Ω
VDD
−2V
XR
OE
VSS1
LS
50
Ω
V
VIH,VIL
Parameter: IIL
Parameter: ZIN
Parameter: RVC
Parameter: RS
VDD1
VDD2
VSS2
OE
VSS1
IIL
A
VDD1
VDD2
VSS2
VC
VSS1
I1
A
ZIN = VDD/I1
VDD1
VC
VDD2
VSS2
XR
VSS1
V
A
I2
RVC = V2/I2
V2
VDD1
XC
VDD2
VSS2
VSS1
V
A
I3
RS = V3/I3
V3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com