Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5072BA Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5072BA
Description  155MHz VCXO Module IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5072BA Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5072BA Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CF5072BA
SEIKO NPC CORPORATION —5
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
DC Characteristics
Recommended operating conditions apply unless otherwise noted
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage range
VDD
VSS − 0.5 to VSS + 7.0
V
Input voltage range
VIN
VSS − 0.5 to VDD + 0.5
V
Storage temperature range
TSTG
−65 to 150
°C
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
Supply voltage
VDD
3.0
–
3.6
V
Operating temperature
TOPR
−40
–
85
°C
Output load
RL
Terminated to VDD − 2V
–50–
Ω
Output frequency
fOUT
70
–
200
MHz
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
Current consumption
IDD
Measurement circuit 1, output terminated
to VDD − 2V, OE = OPEN
–50
88
mA
OUT/OUTN HIGH-level output voltage
VOH
Measurement circuit 2,
VDD = 3.3V, OE = OPEN
Ta = 0 to 85
°C
2.275
2.350
2.420
V
Ta =
−40°C
2.215
2.295
2.420
V
OUT/OUTN LOW-level output voltage
VOL
Ta = 0 to 85
°C
1.490
1.600
1.680
V
Ta =
−40°C
1.470
1.605
1.745
V
OE HIGH-level input voltage
VIH
Measurement circuit 3
0.7VCC
––
V
OE LOW-level input voltage
VIL
Measurement circuit 3
–
–
0.3VCC
V
OE LOW-level input current
IIL
Measurement circuit 4, VIL = 0V
–
–
−20
µA
Input impedance
ZIN
Measurement circuit 5, measured between
supply and VC
10
–
–
M
Ω
VC resistance
RVC
Measurement circuit 6, measured between
VC and XR
100
150
200
k
Ω
Pull-down resistance
RS
Measurement circuit 7, measured between
VSS and XC
10
20
40
k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com