Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5072BA Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5072BA
Description  155MHz VCXO Module IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5072BA Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5072BA Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CF5072BA
SEIKO NPC CORPORATION —1
155MHz VCXO Module IC
OVERVIEW
The CF5072BA is 155MHz VCXO IC. It incorporates a 155.52MHz fundamental frequency oscillator circuit
and a differential LVPECL output circuit on a single chip. The oscillator circuit features characteristics opti-
mized for VCXO operation, and includes a varicap connection pin. The CF5072BA can be configured with few
external components, making them ideal as miniature VCXO modules.
FEATURES
I
3.0 to 3.6V operating supply voltage range
I
70MHz to 200MHz oscillator frequency range
I
Differential LVPECL output
I
50 ± 5% output duty
(measured at the output crossing point)
I
Output enable function
High impedance output when OE = LOW
(oscillator continues running)
I
−40 to 85°C operating temperature range
I
Chip form (CF5072BA)
BLOCK DIAGRAM
ORDERING INFORMATION
ESD sensitive device:
The XR pin is not equipped with a protection circuit. Accordingly, its electrostatic withstand voltage is significantly lower
than that of the other pins.
ESD breakdown prevention handling precautions are strongly recommended.
XC
XIN
XR
VC
LS
RP
RVC
RS
C2
C1
100pF
Differential
Converter
X'tal
VSS1
Pre-buffer
ECL
VDD2
Oscillator block equivalent circuit
VSS2
OE
OUT
OUTN
VDD1
CVC
Device
Package
CF5072BA
−1
Chip form


Similar Part No. - CF5072BA

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
VCXO Module ICs with Built-in Varicap
CF5073XX-1 NPC-CF5073XX-1 Datasheet
105Kb / 14P
VCXO Module ICs with Built-in Varicap
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
VCXO Module IC with Built-in Varicap
CF5074A-1 NPC-CF5074A-1 Datasheet
84Kb / 9P
VCXO Module IC with Built-in Varicap
CF5074A-3 NPC-CF5074A-3 Datasheet
84Kb / 9P
VCXO Module IC with Built-in Varicap
More results

Similar Description - CF5072BA

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5008A1 NPC-CF5008A1 Datasheet
98Kb / 10P
VCXO Module IC
logo
List of Unclassifed Man...
FS6127 ETC-FS6127 Datasheet
111Kb / 6P
VCXO CLOCK GENERATOR IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
VCXO Clock Generator IC
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
VCXO Clock Generator IC
PLL501-21 PLL-PLL501-21 Datasheet
133Kb / 5P
VCXO Clock Generator IC
logo
New Japan Radio
NJM2555 NJRC-NJM2555 Datasheet
83Kb / 3P
622MHz VCXO IC
logo
Nippon Precision Circui...
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
VCXO Module IC with Built-in Varicap
5075 NPC-5075 Datasheet
308Kb / 14P
VCXO Module IC with Built-in Varicap
5076 NPC-5076 Datasheet
284Kb / 13P
VCXO Module IC with Built-in Varicap
logo
TAI-SAW TECHNOLOGY CO.,...
TA155E1 TAI-SAW-TA155E1 Datasheet
198Kb / 4P
SAW Filter 155MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com