Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5072BA Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # CF5072BA
Description  155MHz VCXO Module IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5072BA Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

  CF5072BA Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5072BA Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CF5072BA
SEIKO NPC CORPORATION —6
AC Characteristics
Recommended operating conditions apply unless otherwise noted
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
Output duty cycle 1
Duty1
Measurement circuit 1, measured at output
crossing point, Ta = 25
°C, VDD = 3.3V
45
50
55
%
Output duty cycle 2
Duty2
Measurement circuit 1, measured at 50% output
swing, Ta = 25
°C, VDD = 3.3V
45
50
55
%
Output swing
VOpp
Measurement circuit 1, peak-to-peak of output
waveform
0.4
–
–
V
Output rise time
tr
Measurement circuit 1, output swing 20% to 80%
–
0.5
1
ns
Output fall time
tf
Measurement circuit 1, output swing 80% to 20%
–
0.5
1
ns
Output enable delay time
tOE
Measurement circuit 3, Ta = 25
°C
–
–
200
ns
Output disable delay time
tOD
Measurement circuit 3, Ta = 25
°C
–
–
200
ns
Figure 1. PECL output waveform
Figure 2. OE timing waveform (Differential LVPECL)
tr
tf
OUTN
OUT
80%
20%
VDD – 2V
VSS
VDD
tW
tPER
DUTY1 = (
tW/tPER) 100
OE
tOE
tOD
VDD
GND
VDD/2
VDD
GND
OUT
OUTN
LOW-level
(High impedance)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com