Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6731B Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6731B
Description  Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6731B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6731B Datasheet HTML 8Page - STMicroelectronics L6731B Datasheet HTML 9Page - STMicroelectronics L6731B Datasheet HTML 10Page - STMicroelectronics L6731B Datasheet HTML 11Page - STMicroelectronics L6731B Datasheet HTML 12Page - STMicroelectronics L6731B Datasheet HTML 13Page - STMicroelectronics L6731B Datasheet HTML 14Page - STMicroelectronics L6731B Datasheet HTML 15Page - STMicroelectronics L6731B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Device description
L6731B
12/24
5.5
Error amplifier
5.6
Soft start
When both VCC and VIN are above their turn-ON thresholds (VIN is monitored by the OCH pin)
the start-up phase takes place. Otherwise the SS pin is internally shorted to GND. At start-up, a
ramp is generated charging the external capacitor CSS with an internal current generator. The
initial value for this current is 35µA and charges the capacitor up to 0.5V. After that it becomes
10µA until the final charge value of approximately 4V (see Figure 6.).
Figure 5.
Error Amplifier Reference
Figure 6.
Device start-up: Voltage at the SS pin.
2.5V
100K
DDR-IN
VCCDR
0.6V/500KHz
0.6V/250KHz
DDR-IN/2
250KHz
Error Amplifier Ref.
VCC
VIN
t
t
0.5V
4V
Vcc
Vin
Vss
4.2V
1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com