Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6731B Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6731B
Description  Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6731B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6731B Datasheet HTML 16Page - STMicroelectronics L6731B Datasheet HTML 17Page - STMicroelectronics L6731B Datasheet HTML 18Page - STMicroelectronics L6731B Datasheet HTML 19Page - STMicroelectronics L6731B Datasheet HTML 20Page - STMicroelectronics L6731B Datasheet HTML 21Page - STMicroelectronics L6731B Datasheet HTML 22Page - STMicroelectronics L6731B Datasheet HTML 23Page - STMicroelectronics L6731B Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Application details
L6731B
20/24
The compensation network consists in the internal error amplifier, the impedance networks ZIN
(R3, R4 and C20) and ZFB (R5, C18 and C19). The compensation network has to provide a
closed loop transfer function with the highest 0dB crossing frequency to have fastest transient
response (but always lower than fsw/10) and the highest gain in DC conditions to minimize the
load regulation error. A stable control loop has a gain crossing the 0dB axis with -20dB/decade
slope and a phase margin greater than 45°. To locate poles and zeroes of the compensation
networks, the following suggestions may be used:
●
Modulator singularity frequencies:
●
Compensation network singularity frequencies:
●
Compensation network design:
–
Put the gain R5/R3 in order to obtain the desired converter bandwidth
–
Place
ω
Z1 before the output filter resonance
ω
LC;
–
Place
ω
Z2 at the output filter resonance
ω
LC;
–
Place
ω
P1 at the output capacitor ESR zero
ω
ESR;
–
Place
ω
P2 at one half of the switching frequency;
–
Check the loop gain considering the error amplifier open loop gain.
Figure 12. Asymptotic Bode plot of Converter's open loop gain
Cout
L
LC
⋅
=
1
ω
Cout
ESR
ESR
⋅
=
1
ω
(13)
(14)
⎟⎟⎠
⎞
⎜⎜⎝
⎛
+
⋅
⋅
=
19
18
19
18
5
1
1
C
C
C
C
R
P
ω
20
4
2
1
C
R
P
⋅
=
ω
(15)
(16)
19
5
1
1
C
R
Z
⋅
=
ω
()
4
3
20
2
1
R
R
C
Z
+
⋅
=
ω
(17)
(18)
LC
C
Vosc
Vin
R
R
ϖ
ϖ
⋅
∆
⋅
=
3
5
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com