Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6731B Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6731B
Description  Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6731B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6731B Datasheet HTML 10Page - STMicroelectronics L6731B Datasheet HTML 11Page - STMicroelectronics L6731B Datasheet HTML 12Page - STMicroelectronics L6731B Datasheet HTML 13Page - STMicroelectronics L6731B Datasheet HTML 14Page - STMicroelectronics L6731B Datasheet HTML 15Page - STMicroelectronics L6731B Datasheet HTML 16Page - STMicroelectronics L6731B Datasheet HTML 17Page - STMicroelectronics L6731B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Device description
L6731B
14/24
5.8
Monitoring and protections
The output voltage is monitored by means of pin FB. If it is not within ±10% (typ.) of the
programmed value, the Power-Good (PGOOD) output is forced low. The device provides over-
voltage-protection: when the voltage sensed on FB pin reaches a value 20% (typ.) greater than
the reference, the low-side driver is turned on as long as the over voltage is detected (see
Figure 7.).
It must be taken into account that there is an electrical network between the output terminal and
the FB pin and therefore the voltage at the pin is not a perfect replica of the output voltage.
However due to the fact that the converter can sink current, in the most of cases the low-side
will turn-on before the output voltage exceeds the over-voltage threshold, because the error
amplifier will throw off balance in advance. Even if the device doesn't report an over-voltage, the
behavior is the same, because the low-side is turned-on immediately. The following figure
shows the device behavior during an over-voltage event. The output voltage rises with a slope
of 100mV/µs, emulating in this way the breaking of the high-side MOSFET as an over-voltage
cause.
Figure 7.
OVP
LGate
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com