Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6731B Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6731B
Description  Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6731B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6731B Datasheet HTML 12Page - STMicroelectronics L6731B Datasheet HTML 13Page - STMicroelectronics L6731B Datasheet HTML 14Page - STMicroelectronics L6731B Datasheet HTML 15Page - STMicroelectronics L6731B Datasheet HTML 16Page - STMicroelectronics L6731B Datasheet HTML 17Page - STMicroelectronics L6731B Datasheet HTML 18Page - STMicroelectronics L6731B Datasheet HTML 19Page - STMicroelectronics L6731B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Device description
L6731B
16/24
5.9
HICCUP mode during an OCP
5.10
Thermal shutdown
When the junction temperature reaches 150°C ±10°C the device enters in thermal shutdown.
Both MOSFETs are turned off and the soft-start capacitor is rapidly discharged with an internal
switch. The device doesn't restart until the junction temperature goes down to 120°C and, in
any case, until the voltage at the soft-start pin reaches 500mV.
Figure 9.
Constant current and Hiccup Mode during an OCP.
VSS
VCOMP
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com