Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6731B Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6731B
Description  Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6731B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6731B Datasheet HTML 9Page - STMicroelectronics L6731B Datasheet HTML 10Page - STMicroelectronics L6731B Datasheet HTML 11Page - STMicroelectronics L6731B Datasheet HTML 12Page - STMicroelectronics L6731B Datasheet HTML 13Page - STMicroelectronics L6731B Datasheet HTML 14Page - STMicroelectronics L6731B Datasheet HTML 15Page - STMicroelectronics L6731B Datasheet HTML 16Page - STMicroelectronics L6731B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
L6731B
Device description
13/24
The output of the error amplifier is clamped with this voltage (Vss) until it reaches the
programmed value. No switching activity is observable if VSS is lower than 0.5V and both
MOSFETs are off. When Vss is between 0.5V and 1.1V the low-side MOSFET is turned on
because the comp signal is lower than the valley of the triangular wave and so the duty-cycle is
0%. As VSS reaches 1.1V (i.e. the oscillator triangular wave inferior limit) even the high-side
MOSFET begins to switch and the output voltage starts to increase. The L6731B can always
sink or source current. If an over current is detected during the soft-start phase, the device
provides a constant-current-protection. In this way, in case of short soft-start time and/or small
inductor value and/or high output capacitors value and so, in case of high ripple current during
the soft-start, the converter can start in any case, limiting the current (see 5.8: Monitoring and
protections) but not entering in HICCUP mode. During normal operation, if any under-voltage is
detected on one of the two supplies, the SS pin is internally shorted to GND and so the SS
capacitor is rapidly discharged.
5.7
Driver section
The high-side and low-side drivers allow using different types of power MOSFETs (also multiple
MOSFETs to reduce the RDS(on)), maintaining fast switching transitions. The low-side driver is
supplied by VCCDR while the high-side driver is supplied by the BOOT pin. A predictive dead
time control avoids MOSFETs cross-conduction maintaining very short dead time duration in
the range of 20ns. The control monitors the phase node in order to sense the low-side body
diode recirculation. If the phase node voltage is less than a certain threshold (-350mV typ.)
during the dead time, it will be reduced in the next PWM cycle. The predictive dead time control
doesn’t work when the high-side body diode is conducting because the phase node doesn’t go
negative. This situation happens when the converter is sinking current for example and, in this
case, an adaptive dead time control operates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com