Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STCF03
Description  High power white LED driver with I2C??interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STCF03 Datasheet HTML 4Page - STMicroelectronics STCF03 Datasheet HTML 5Page - STMicroelectronics STCF03 Datasheet HTML 6Page - STMicroelectronics STCF03 Datasheet HTML 7Page - STMicroelectronics STCF03 Datasheet HTML 8Page - STMicroelectronics STCF03 Datasheet HTML 9Page - STMicroelectronics STCF03 Datasheet HTML 10Page - STMicroelectronics STCF03 Datasheet HTML 11Page - STMicroelectronics STCF03 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Pin configuration
STCF03
8/35
3
Pin configuration
Figure 2.
Pin connections (bottom view)
TFBGA25 (3x3)
QFN20 (3x3)
Table 2. Pin description
Pin n° for
QFN20
Pin n° for
TFBGA25
Symbol
Name and function
1
E1, D2
VLX2
Inductor connection
2
B3
RX
Rx resistor connection
3
A4
NTC
NTC resistor connection
4
D1, C2
VOUT
Output voltage
5B5
FB1
Feedback pin [ILED*(RFL+RTR)]
6A5
FB2
RTR bypass
7B4
FB2S
Feedback sensing pin [ILED*RFL]
8
E2
GND
Signal ground
9D4
ADD
I2C address selection
10
D5
AUXL
Auxiliary LED output
11
C5
TMSK
TX mask input.
12
B1, C1
PVBAT
Power supply voltage
13
A3
VBAT
Supply voltage
14
A2
VLX1A
Inductor connection
15
A1, B2
VLX1B
Inductor connection
16
E5
SCL
I2C clock signal
17
E3
SDA
I2C data
18
C3, D3
PGND
Power ground
19
E4
ATN
Attention (open drain output, active LOW)
20
C4
TRIG
Flash trigger input
Exposed pad
PGND
To be connected to the PCB ground plane for optimal electrical and
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com