Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STCF03
Description  High power white LED driver with I2C??interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STCF03 Datasheet HTML 12Page - STMicroelectronics STCF03 Datasheet HTML 13Page - STMicroelectronics STCF03 Datasheet HTML 14Page - STMicroelectronics STCF03 Datasheet HTML 15Page - STMicroelectronics STCF03 Datasheet HTML 16Page - STMicroelectronics STCF03 Datasheet HTML 17Page - STMicroelectronics STCF03 Datasheet HTML 18Page - STMicroelectronics STCF03 Datasheet HTML 19Page - STMicroelectronics STCF03 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Introduction
STCF03
16/35
7.7
Acknowledge
The master (µP) puts a resistive HIGH level on the SDA line during the acknowledge clock
pulse (see Figure 7). The peripheral (STCF03) that acknowledges has to pull-down (LOW)
the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during
this clock pulse. The peripheral which has been addressed has to generate an acknowledge
pulse after the reception of each byte, otherwise the SDA line remains at the HIGH level
during the ninth clock pulse duration. In this case the master transmitter can generate the
STOP information in order to abort the transfer. The STCF03 won't generate the
acknowledge if the VI supply is below the undervoltage lockout threshold.
7.8
Writing to a single register
Writing to a single register starts with a START bit followed by the 7 bit device address of
STCF03. The 8th bit is the R/W bit, which is 0 in this case. R/W = 1 means a reading
operation. Then the master waits for an acknowledge from STCF03. Then the 8 bit address
of register is sent to STCF03. It is also followed by an acknowledge pulse. The last
transmitted byte is the data that is going to be written to the register. It is again followed by
an acknowledge pulse from STCF03. Then master generates a STOP bit and the
communication is over. See Figure 8 below.
Figure 7.
Acknowledge on I2C Bus
Table 8. Interface protocol
Device address + R/W bit
Register address
Data
765
4
3
2
1
0
7
6
5
4
3210
765
4
321
0
S
T
A
R
T
M
S
B
L
S
B
R
W
A
C
K
M
S
B
L
S
B
A
C
K
M
S
B
L
S
B
A
C
K
S
T
O
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com