Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STCF03
Description  High power white LED driver with I2C??interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STCF03 Datasheet HTML 23Page - STMicroelectronics STCF03 Datasheet HTML 24Page - STMicroelectronics STCF03 Datasheet HTML 25Page - STMicroelectronics STCF03 Datasheet HTML 26Page - STMicroelectronics STCF03 Datasheet HTML 27Page - STMicroelectronics STCF03 Datasheet HTML 28Page - STMicroelectronics STCF03 Datasheet HTML 29Page - STMicroelectronics STCF03 Datasheet HTML 30Page - STMicroelectronics STCF03 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Typical performance characteristics
STCF03
27/35
10
Typical performance characteristics
Figure 14.
Efficiency
Figure 15.
IOTORCH vs T_DIMM
Figure 16.
IOFLASH vs F_DIMM
Figure 17.
IOAUX vs AUXI
Figure 18.
IOFLASH vs Temp. VI = 3.3V
Figure 19.
VFB2 vs Temp. at IO = 800mA,
VI = 3.3V
0
10
20
30
40
50
60
70
80
90
100
2
2.5
3
3.5
4
4.5
5
5.5
6
V
I [V]
Efficiency of the application at Io=800mA
Efficiency of the application at Io=55mA
0
10
20
30
40
50
60
70
80
90
100
2
2.5
3
3.5
4
4.5
5
5.5
6
V
I [V]
Efficiency of the application at Io=800mA
Efficiency of the application at Io=55mA
0
50
100
150
200
250
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17
step
V
I= 2.7V
V
I= 3.6V
V
I=5.5V
0
50
100
150
200
250
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17
step
V
I= 2.7V
V
I= 3.6V
V
I=5.5V
0
100
200
300
400
500
600
700
800
900
1
2
3
4 5
6
7
8
9 10 11 12 13 14 15 16
step
V
I 3.3V
V
I 5.5V
0
100
200
300
400
500
600
700
800
900
1
2
3
4 5
6
7
8
9 10 11 12 13 14 15 16
step
V
I 3.3V
V
I 5.5V
0
5
10
15
20
25
12
3
4
5
6
78
9
10 11 12 13 14 15 16
Step
0
5
10
15
20
25
12
3
4
5
6
78
9
10 11 12 13 14 15 16
Step
0
100
200
300
400
500
600
700
800
900
-40°C
25°C
80°C
temp.
0
100
200
300
400
500
600
700
800
900
-40°C
25°C
80°C
temp.
100
120
140
160
180
200
220
240
260
-40°C
25°C
80°C
temp.
100
120
140
160
180
200
220
240
260
-40°C
25°C
80°C
temp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com