Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STCF03
Description  High power white LED driver with I2C??interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STCF03 Datasheet HTML 10Page - STMicroelectronics STCF03 Datasheet HTML 11Page - STMicroelectronics STCF03 Datasheet HTML 12Page - STMicroelectronics STCF03 Datasheet HTML 13Page - STMicroelectronics STCF03 Datasheet HTML 14Page - STMicroelectronics STCF03 Datasheet HTML 15Page - STMicroelectronics STCF03 Datasheet HTML 16Page - STMicroelectronics STCF03 Datasheet HTML 17Page - STMicroelectronics STCF03 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Introduction
STCF03
14/35
7.2.4
ADD pin
With this pin it is possible to select one of the 4 possible I2C slave addresses. No internal
pull-up nor pull-down is provided. The pin has to be connected either GND, VI, SCL or SDA
to select the desired I2C slave address (see Table 6.)
7.2.5
TMSK pin
This pin can be used to implement the TX masking function. This function has effect only for
Flash current settings higher than 200 mA (bit FDIM_3=1). Under this condition, when this
pin is pulled high by the P, the current flowing in the LED is forced at 200 mA typ. No internal
pull-up nor pull-down is provided: to be externally wired to GND if TX masking function is not
used.
7.3
I2C BUS interface
Data transmission from the main µP STCF03 and vice versa takes place through the 2 wires
I2C bus interface wires, consisting of the two lines SDA and SCL (pull-up resistors to a
positive supply voltage must be externally connected). The recommended maximum voltage
of these signals should be 3.0 V.
7.4
Data validity
As shown in Figure 4, the data on the SDA line must be stable during the high period of the
clock. The HIGH and LOW state of the data line can only change when the clock signal on
the SCL line is LOW.
Table 7. Address table
ADD pin
A7
A6
A5
A4
A3
A2
A1
A0
GND
011000
0
R/W
VBAT
011000
1
R/W
SDAL
011001
0
R/W
SCL
011001
1
R/W
Figure 4.
Data validity on the I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com