Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS853 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPS853
Description  Mobile Phones, PHS Notebook PCs, PDAs Video cameras, Digital Still Cameras Other Equipment Requiring Luminosity Adjustment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS853 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPS853_07 Datasheet HTML 1Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 2Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 3Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 4Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 5Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 6Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 7Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 8Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TPS853
2007-10-01
4
Handling Precautions
Insert a bypass condenser of up to 0.1
μF between Vcc and GND near the device to stabilize the power supply line.
When Vcc is turned on it takes at least 100 ms for the internal circuit to stabilize. During this time the output
signal is unstable. Please do not use the unstable signal as the output signal.
Moisture-Proof Packing
(1)
To avoid moisture absorption by the resin, the product is packed in an aluminum envelope with silica
gel.
(2)
Since the optical characteristics of the device can be affected during soldering by vaporization
resulting from prior absorption of moisture and they should therefore be stored under the following
conditions:
Temperature: 5°C to 30°C, Relative humidity: 70% (max), Time: 168 h (max)
(3)
Baking is required if the devices have been store unopened for more than six months or if the
aluminum envelope has been opened for more than 168 h.
These devices are packed on tapes; hence, please avoid baking at high temperature.
Recommended baking conditions: 60°C for 12 h or longer
Mounting Precautions
TPS853 uses a clear resin, and delicate handling is necessary for it.
The characteristic change or the product might be damaged by the handling method of mounting.
Please note the following and handle the product.
(1)
Do not apply stress to the resin at high temperature.
Time until the product returns at the normal temperature after mounting of
the reflow is different according to the mounting substrate and the environment.
Please do not give the stress with heat remained in the product.
(2)
The resin part is easily scratched, so avoid friction with hard materials.
(3)
When installing the assembly board in equipment, ensure that this product does not come into
contact with other components.
(4)
Please confirm the heat contraction of the substrate of the reflow mounting doesn't influence the
product. The load is given to the product by mounting that the heat contraction is large on the
substrate and the installation position of the substrate. Please note that the characteristic changes
or the product might be damaged.
Mounting Methods
(1)
Example of reflow soldering
• Please perform the first reflow soldering within 168 h after opening the package with reference to
the above temperature profile.
30 s to 50 s Heating part
Time (s)
60
∼120 s
260°C max (*)
230°C
190°C
180°C
Preheating part
10s max (*)
4°C/s max (*)
4°C/s max (*)
(*)The product is evaluated using above reflow soldering conditions. No additional test is performed
exceed the condition (i.e. the condition more than MAX values) as an evaluation.
Please perform reflow soldering under the above conditions. Perform reflow soldering no more than
twice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com