Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS853 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TPS853
Description  Mobile Phones, PHS Notebook PCs, PDAs Video cameras, Digital Still Cameras Other Equipment Requiring Luminosity Adjustment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS853 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TPS853_07 Datasheet HTML 4Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 5Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 6Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 7Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 8Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 9Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 10Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 11Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TPS853
2007-10-01
9
Luminance EV (lx)
IL – EV
(typ.)
Relative IL – VCC
(typ.)
Ambient temperature Ta (°C)
P – Ta
0
0
40
20
40
60
80
100
30
20
10
5
35
25
15
Supply voltage VCC (V)
0
1.6
1.2
0.8
0.4
Ta
= 25°C
2
3
4
5
6
Ambient temperature Ta (°C)
ILEAK – Ta
(typ.)
1
0.0001
20
VCC = 3 V
Vstb=3 V
0.1
0.01
0.001
40
60
80
100
Ta
= 25°C
VCC = 3 V
Vstb=3 V
A light source
Fluorescent light
1
10000
1000
100
10
0.1
1
10
100
1000
10000
Ambient temperature Ta (°C)
Relative IL – Ta
(typ.)
VCC = 3 V
Vstb
= 3 V
EV = 100 lx
using fluorescent light
1.40
0.60
−40
1.20
1.00
0.80
−20
0
20
40
60
80
100
Luminance EV (lx)
VO – EV
(typ.)
Ta
= 25°C, VCC = 3 V , Vstb=3 V
Fluorescent light RL = 5.1 kΩ
Fluorescent light RL = 30 kΩ
Fluorescent light RL = 100 kΩ
A light source RL = 5.1 kΩ
A light source RL = 30 kΩ
A light source RL = 100 kΩ
0.001
10
1
0.1
0.01
1
10
100
1000
10000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com