Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS853 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPS853
Description  Mobile Phones, PHS Notebook PCs, PDAs Video cameras, Digital Still Cameras Other Equipment Requiring Luminosity Adjustment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS853 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPS853_07 Datasheet HTML 1Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 2Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 3Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 4Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 5Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 6Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 7Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 8Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TPS853
2007-10-01
5
• Second reflow soldering
In case of second reflow soldering, it should be performed within 168 h after first reflow under the
above conditions.
Storage conditions before second reflow soldering: 30°C, 70% RH or lower
• Do not perform flow soldering.
• Make any necessary soldering correction manually.
(do not do this more than once for any given pin.)
Temperature: no more than 350°C (25 W for soldering iron)
Time: within 5 s
(2) Recommended soldering pattern
(3)
Cleaning conditions
When cleaning is required after soldering
Chemicals: AK225 alcohol
Temperature and time: 50°C
× 30 s or 30°C × 3 minutes
Ultrasonic cleaning: 300 W or less
Packing Specification
(1)
Packing quantity
Reel (minimum packing quantity)
3,000 devices
Carton
5 reels (15,000 devices)
(2)
Packing format
An aluminum envelope containing silica gel and reels is deaerated and sealed.
Pack shock-absorbent materials around the aluminum envelopes in the cartons to cushion them.
• Carton specification
Carton dimensions
(W) 81 mm
× (L) 280 mm × (H) 280 mm
Label
0.65
0.65
0.4
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com