Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS853 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPS853
Description  Mobile Phones, PHS Notebook PCs, PDAs Video cameras, Digital Still Cameras Other Equipment Requiring Luminosity Adjustment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS853 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPS853_07 Datasheet HTML 1Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 2Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 3Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 4Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 5Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 6Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 7Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 8Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TPS853
2007-10-01
1
TOSHIBA Photo-IC Silicon Epitaxial Planar
TPS853
Mobile Phones, PHS
Notebook PCs, PDAs
Video cameras, Digital Still Cameras
Other Equipment Requiring Luminosity Adjustment
The TPS853 is an ultra-compact surface-mount photo-IC for
illuminance sensors which incorporates a photodiode and current amp
circuit in a single chip.
The sensitivity is superior to that of a phototransistor, and exhibits
little variation.
It has spectral sensitivity closer to luminous efficiency and excellent output linearity.
This photo-IC can be used as the power-saving control for domestic appliances or for backlighting for displays in
cellular phones.
This device includes stand-by function which can reduce the power consumption of the system.
• Ultra-compact and light surface-mount package: 2.0 × 2.1 × 0.7 mm
• Excellent output linearity of illuminance
• Little fluctuation in light current and high level of sensitivity
: IL = 37 μA to 74 μA @EV = 100 lx using fluorescent light
: Light current variation width: ×1.67 (when light current classification is specified.)
: Little temperature fluctuation in light current
• Built-in luminous-efficiency correction function, reduced sensitivity variations due to various light sources
: IL (using incandescent light)/IL (using fluorescent light) = 1.2 (typ.)
• Low supply voltage, making device suitable for battery-powered equipment: VCC = 2.2 V to 5.5 V
• Lead(Pb)-Free
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
−0.5 to 7
V
Output voltage
VOUT
<= VCC
V
Stand-by voltage
Vstb
<= VCC
V
Light current
IL
5
mA
Permissible power dissipation
P
35
mW
Operating temperature range
Topr
−30 to 85
°C
Storage temperature range
Tstg
−40 to 100
°C
Soldering temperature range (Note 1)
Tsol
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: The reflow time and the recommended temperature profile are shown in the section entitled Handling
Precautions.
Operating Ranges
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage
VCC
2.2
⎯
5.5
V
Stand-by voltage
Vstb
2.2
⎯
VCC
V
TOSHIBA
―
Weight: 0.0054 g (typ.)


Similar Part No. - TPS853_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS853 TOSHIBA-TPS853 Datasheet
176Kb / 12P
TOSHIBA Photo IC Silicon Epitaxial Planar
21-Jul-2005
More results

Similar Description - TPS853_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1802 MAXIM-MAX1802_1 Datasheet
346Kb / 7P
Evaluation Kit for Digital Still Cameras
Rev 0; 3/01
logo
Toshiba Semiconductor
TPS856 TOSHIBA-TPS856 Datasheet
291Kb / 13P
Mobile Phones Notebook PCs, PDAs Video cameras, Digital Still Cameras Other Equipment Requiring Luminosity Adjustment
01-Oct-2007
TPS855 TOSHIBA-TPS855 Datasheet
211Kb / 8P
Luminosity Adjustment for TV Screens, CRT Monitors and Liquid-crystal Display Monitors Other Equipment Requiring Luminosity Adjustment
01-Oct-2007
logo
Sanyo Semicon Device
LB8650T SANYO-LB8650T Datasheet
73Kb / 6P
Driver for Digital Still Cameras
LB8652LP SANYO-LB8652LP Datasheet
112Kb / 9P
Driver for Digital Still Cameras
logo
Panasonic Semiconductor
ESE-13H01D PANASONIC-ESE-13H01D Datasheet
100Kb / 3P
Detection of media in portable electronic equipment (Mobile phones / Digital still cameras / Camcorders)
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
Digital still cameras
06-Feb-2014
logo
OmniVision Technologies...
OV2710-1E OMNIVISION-OV2710-1E_15 Datasheet
10Mb / 2P
Digital Still Cameras
OV9734 OMNIVISION-OV9734 Datasheet
633Kb / 2P
Digital Still Cameras
logo
Shenzhen Huazhimei Semi...
HM8833C HMSEMI-HM8833C Datasheet
1Mb / 16P
Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com