Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS853 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TPS853
Description  Mobile Phones, PHS Notebook PCs, PDAs Video cameras, Digital Still Cameras Other Equipment Requiring Luminosity Adjustment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS853 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TPS853_07 Datasheet HTML 4Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 5Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 6Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 7Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 8Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 9Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 10Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 11Page - Toshiba Semiconductor TPS853_07 Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TPS853
2007-10-01
11
Radiation Pattern
(typ.)
Luminosity
angle
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
Ta
= 25°C
Load resistance RL (kΩ)
Switching Characteristics
(non-saturating operation)
tf
td
tr
ts
1
0.1
10
10000
1000
100
1
10
100
Ta
= 25°C
VCC = 3 V
Vstb
= 3 V
VOUT = 1.5 V
Using white LED
Load resistance RL (kΩ)
Switching Characteristics
(saturating operation)
10000
tf
td
tr
ts
1
0.1
10
1000
100
1
10
100
Ta
= 25°C
VCC = 3 V
Vstb
= 3 V
VOUT > 2 V
Using white LED
0.1
0.01
0
20
40
60
80
100
200
400
600
800
1000
1200
Ta
= 25°C
Spectral Response
(typ.)
Wavelength
λ (nm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com