Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S26361-F5000-R006 Datasheet(PDF) 3 Page - Kontron

Part # S26361-F5000-R006
Description  Intel® Core™ i3 Processors & Intel® Processors N Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

S26361-F5000-R006 Datasheet(HTML) 3 Page - Kontron

  S26361-F5000-R006 Datasheet HTML 1Page - Kontron S26361-F5000-R006 Datasheet HTML 2Page - Kontron S26361-F5000-R006 Datasheet HTML 3Page - Kontron S26361-F5000-R006 Datasheet HTML 4Page - Kontron S26361-F5000-R006 Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.kontron.com
K3931-N mITX
Technical Information
STORAGE & EXPANSION
SATA
PCIe/M.2 SLOTS
1x Serial ATA III 600 Interface (up to 6GBit/s), NCQ, AHCI,
1x M.2 PCIe 2230/2242/2280 (Key-M ,PCIe x2 Gen3/NVMe SSD modules)
1x M.2 PCIe 2242/2280 (Key-B, PCIe x1 Gen3/USB/SATA SSD modules)
1x M.2 PCIe 2230 (Key-E, WLAN CNVi only/Bluetooth USB modules)
1x PCIe x4 (1 lane, Gen3, open slot)
POWER
CONNECTOR
INPUT VOLTAGE
External/Internal DC-In (DC Jack/4-Pin Mini-Fit)
DC Input 8 V - 34 V (max. 10 A/max. 130 W)
FIRMWARE
BIOS
WATCHDOG
REAL TIME CLOCK
TPM
AMI Aptio 5.x (UEFI) BIOS
modified and adapted by Kontron; Recovery BIOS, SM-BIOS (DMI), BIOS and
CPU Microcode Update, Quick Boot, Logo Boot, Quiet Boot, Plug & Play,
Automatic DRAM and PCIe Configuration, BIOS Support for S.M.A.R.T.,
Advanced Power Management, ACPI S3/S4, Wake on time from S5.
No legacy OS support, no MBR installation (UEFI only)
BIOS POST-/BIOS BOOT-/OS-HW Watchdog
Integrated
TPM V2.0 (Intel® integrated)
SYSTEM CONTROL
FP HEADER
SECURITY
1x Header for Reset button, HDD LED, Power button, Power LED
Recovery BIOS, System and BIOS Password, Boot Sequence Control,
Serial-/USB-Port Access Protection, Write Protection for Flash BIOS,
EraseDisk (BIOS Feature), Intel integrated TPM V2.0
COOLING
FAN
2x PWM fan (CPU/System)
SOFTWARE
OS SUPPORT
MS Windows 10, MS Windows 11, MS Windows 10 IoT, Linux-64
No legacy OS support, no MBR installation (UEFI only)
MECHANICAL
DIMENSION (L x W)
Mini-ITX: 6.7“ x 6.7“ (170 x 170 mm)
ENVIRONMENTAL
OPERATION TEMPERATURE
0 °C - 60 °C
CERTIFICATION
EMC
SAFETY
CE Class B, Industrial Immunity (EN 61000-6-2), FCC-B/ICES-003 verified, UKCA
cTÜVus acc. IEC62368-1
Power Supply Requirements
Motherboard Versions
SOURCE
VOLTAGE RANGE
MIN. PS LOAD
MAX. VOLTAGE
TOLERANCE
TYP. MOTHERBOARD
INPUT POWER1
MAX. MOTHERBOARD
INPUT POWER2
DC-IN
(wide range)
8 V - 34 V
(recommended nominal
range)
7.6 V - 36 V
(absolute maximum ratings)
0 A
± 5 %
<10 W / 25 W
130 W
1) Motherboard incl. Memory and M.2 NVME SSD (approximations for MS Windows 10 Idle Mode / Full Processor Load @ 15 W TDP
2) Motherboard incl. Memory, M.2, PCIe/M.2 PCIe devices, USB
See TechNotes document for detailed power requirements
PROCESSOR (SoC)
GRAPHICS
Intel® UHD Gen12 Gfx
MEMORY
K3931-N6
Intel® Core™ i3 N305
Octa-Core @ 15 W TDP (Flex cTDP option**)
TDP 15 W: 1.8/3.8/3 GHz*
TDP 9 W: 1.0/3.8/3 GHz*
GPU @ 1/1.25 GHz
32x EU
Up to 3 displays (2x 4K + 1x FHD)
DDR5-4800
One socket
Max. 32 Gbyte
K3931-N4
Intel® Processor N200
Quad-Core @ 6 W TDP
1.0/3.7/3.2 GHz*
GPU @ 0.45/0.75 GHz
32x EU
Up to 3 displays (2x 4K + 1x FHD)
DDR5-4800
One socket
Max. 32 Gbyte
K3931-N2
Intel® Processor N97
Quad-Core @ 12 W TDP (Flex cTDP option**)
2.0/3.6/2.9 GHz*
GPU @ 0.85/1.2 GHz
24x EU
Up to 3 displays (3x 4K)
DDR5-4800
One socket
Max. 32 Gbyte
K3931-N1
Intel® Processor N50
Dual-Core @ 6 W TDP
1.0/3.4/3.4 GHz*
GPU @ 0.6/0.75 GHz
16x EU
Up to 3 displays (2x 4K + 1x FHD)
DDR5-4800
One socket
Max. 32 Gbyte
*) Base Frequency / 1 core Turbo / Multi core Turbo
**) cTDP – Easy & flexible reduction of CPU TDP down to 6 W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com