Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S26361-F5000-R006 Datasheet(PDF) 1 Page - Kontron

Part # S26361-F5000-R006
Description  Intel® Core™ i3 Processors & Intel® Processors N Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

S26361-F5000-R006 Datasheet(HTML) 1 Page - Kontron

  S26361-F5000-R006 Datasheet HTML 1Page - Kontron S26361-F5000-R006 Datasheet HTML 2Page - Kontron S26361-F5000-R006 Datasheet HTML 3Page - Kontron S26361-F5000-R006 Datasheet HTML 4Page - Kontron S26361-F5000-R006 Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Intel® Core™ i3 Processors &
Intel® Processors N Series (Alder Lake N)
K3931-N mITX
Industrial Series
* Latest DDR5 memory technology for best-in-class system performance
* Intel® UHD Gen12 Graphics - driven by Intel® X
e architecture (within SoC)
* Up to 3x DisplayPort V1.4
* Dual Channel LVDS (24 Bit) and eDP V1.4b (4 K) onboard
* Designed for fanless operation


Similar Part No. - S26361-F5000-R006

ManufacturerPart #DatasheetDescription
logo
Kontron
S26361-F5000-R006 KONTRON-S26361-F5000-R006 Datasheet
975Kb / 5P
Intel® H310 Express Chipset and Intel® 8th/9th Gen Core™
S26361-F5000-R006 KONTRON-S26361-F5000-R006 Datasheet
342Kb / 3P
Industrial chassis for enhanced operating temperature range
S26361-F5000-R006 KONTRON-S26361-F5000-R006 Datasheet
348Kb / 3P
Industrial chassis for enhanced operating temperature range
More results

Similar Description - S26361-F5000-R006

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
HU968 GSR-HU968 Datasheet
405Kb / 2P
4th generation Intel® Core™ processors, BGA 1168
logo
Advantech Co., Ltd.
FWA-3231 ADVANTECH-FWA-3231 Datasheet
646Kb / 2P
1U Rackmount Network Appliance with 4th gen. Intel® Xeon® Processor E3 series and Intel® Core™ i7/i5/i3 Processors, 4 NMC slots
9-Jun-2017
FWA-4130 ADVANTECH-FWA-4130 Datasheet
879Kb / 2P
2U Rackmount Network Appliance Platform based on Intel® Xeon® E3 series and 6th/7th generation Intel® Core™i7/i5/i3 Processors
2-Jun-2020
FWA-4231 ADVANTECH-FWA-4231 Datasheet
522Kb / 2P
2U Rackmount Network Appliance with 4th gen. Intel® Xeon® Processor E3 series and Intel® Core™ i7/i5/i3 Processors, 4 NMC slots
14-Jun-2017
FWA-4232 ADVANTECH-FWA-4232 Datasheet
576Kb / 2P
2U Rackmount Network Appliance with 4th gen. Intel® Xeon® Processor E3 series and Intel® Core™ i7/i5/i3 Processors, 2 NMC slots
14-Jun-2017
logo
AAEON Technology
PICO-EHL4 AAEON-PICO-EHL4 Datasheet
531Kb / 2P
Pico-ITX Board with Intel® Atom™ x6000E Series, Intel® Pentium®, and Celeron® N and J series processors
2022/11/24
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
ESM-KBLH BCM-ESM-KBLH Datasheet
407Kb / 1P
7th Gen Intel Core™ Processors i7/i5/i3 Type6 COMe Basic Module with Intel® QM175 Chipset
2021/02/12
MX610H BCM-MX610H Datasheet
656Kb / 2P
Intel® H610E Mini-ITX Motherboard with LGA 1700 socket supports Intel® Alder Lake Core™ i9, i7, i5, i3 Processors
12/28/2022
MX680RD BCM-MX680RD Datasheet
504Kb / 2P
Intel® R680E Mini-ITX Motherboard with LGA 1700 socket supports Intel® Alder Lake Core™ i9, i7, i5, i3 Processors
02/02/2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com