Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S26361-F5000-R006 Datasheet(PDF) 5 Page - Kontron

Part # S26361-F5000-R006
Description  Intel® Core™ i3 Processors & Intel® Processors N Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

S26361-F5000-R006 Datasheet(HTML) 5 Page - Kontron

  S26361-F5000-R006 Datasheet HTML 1Page - Kontron S26361-F5000-R006 Datasheet HTML 2Page - Kontron S26361-F5000-R006 Datasheet HTML 3Page - Kontron S26361-F5000-R006 Datasheet HTML 4Page - Kontron S26361-F5000-R006 Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
K3931-N mITX
Global Headquarters
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
info@kontron.com
www.kontron.com
Ordering Information
Accessories
ARTICLE
PART NO.
DESCRIPTION
K3931-N1 mITX
F5120-V211
Intel® Processor N50 (2C, 6 W)
K3931-N2 mITX
F5120-V212
Intel® Processor N97 (4C, 12 W)
K3931-N4 mITX
F5120-V214
Intel® Processor N200 (4C, 6 W)
K3931-N6 mITX
F5120-V216
Intel® Core® i3 N305 (8C, 15 W)
SLIM ACTIVE HEATSINK +
BACKPLATE
F5000-C026
max. 15 W TDP
FANLESS HEATSINK +
BACKPLATE
F5000-C025
max. 15 W TDP
RISERCARD
S26361-F5000-R006
1x PCIe X4
SERIAL PORT CABLE
S26361-F5000-K010
400 mm, fullsize slot bracket
USB-C GEN2 REAR EXTENSION
CABLE
F5000-K013
USB 3.2 Gen2 adapter cable for internal USB Key-A socket
INTERNAL PSU KIT
S26361-F5000-P004
12 V/65 W, designed for SMARTCASE™ chassis
AC-ADAPTER 19V/65W
S26361-F5000-P006
For applications up to 35 W TDP (SoC)
AC-ADAPTER 20V/120W
S26361-F5000-P007
lockable connector
DRIVE POWER CABLE
S26361-F5000-K001
400 mm, power connector for 1x SATA and 1x slimline DVD
SMARTCASE™ S730
F5000-J012
Chassis kit solution for D37x3 and K393x



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com