Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S26361-F5000-R006 Datasheet(PDF) 4 Page - Kontron

Part # S26361-F5000-R006
Description  Intel® Core™ i3 Processors & Intel® Processors N Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

S26361-F5000-R006 Datasheet(HTML) 4 Page - Kontron

  S26361-F5000-R006 Datasheet HTML 1Page - Kontron S26361-F5000-R006 Datasheet HTML 2Page - Kontron S26361-F5000-R006 Datasheet HTML 3Page - Kontron S26361-F5000-R006 Datasheet HTML 4Page - Kontron S26361-F5000-R006 Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.kontron.com
K3931-N mITX
Connector/Socket Diagram
Technical Details
FEATURES
Chipset / SoC (APU)
DPP / HDMI / LVDS / eDP
Stereo Audio / 5.1 Multichannel Audio / Front Panel Audio
Buzzer / int. Speaker Support (stereo)2
GbE LAN / Dual GbE LAN / 2.5GbE LAN
WoL / PXE / LAN Teaming / TSN
SATA / SATA RAID / M.2 (SATA) / M.2 (PCIe/NVME)
USB 2.0 / USB 3.2 (Gen1) / USB 3.2 (Gen2) / USB 3.2 (Gen2) Type-C
FAN monitored & controlled CPU / AUX1 / AUX2
TEMP monitored CPU / onboard sensors / external sensor
Intel® Alderlake-N SoC
+ / - / + / +
+ / 01 / +
+ / +
+ / - / +
+ / + / + / +
+ / - / + / +
+ / + / + / 03
+ / + / -
+ / + / -
SPECIAL FEATURES
COM interface support for RS-232 / RS-485 / RS-422
Silent Fan / System Guard
Recovery BIOS / Flash Update / Multi Boot
HDD Password / EraseDisk / TPM V2.0 onboard / optional TPM module
BIOS POST- / BIOS Boot- / OS- HW Watchdog
Operating Mode 24-7 / 8-5 (hrs per day - days per week)
Motherboard operating temperature range (chassis inside)4
+
+ / +
+ / + / +
+ / + / + / -
+ / + / +
+ / -
0 °C ... +60 °C
INTERNAL CONNECTORS
SO DIMM Sockets (DDR5 4800)
PCI Express® x4: 1 lanes, Gen3 / Mini-PCIe
SATA-III / M.2 Key-M SSD / M.2 Key-B
M.2 2230 (Key-E for WLAN/Bluetooth)
Front Panel Audio (9-Pin, HD Audio) / S-PDIF Out (Digital Audio)
USB 2.0 pin header (2 port) / USB 2.0 single port header / USB Stick socket5
USB 3.2 Gen1 pin header (2 ports)6 / USB 3.2 Gen2 Key A header3
Serial COM header / CCTalk header / Parallel Port header
LVDS / LVDS Backlight / Embedded DisplayPort @ 4 lanes
FAN PSU / CPU (PWM) / AUX1 (PWM)
Intrusion (Case Open) / GPIO (8 Bit) / SMBus
Stereo Speaker header / Digital Mic header
Front Panel (Power Switch, Reset Switch, LEDs, Intel 10 pin header)
SATA Drive Power Connector (5 V/12 V) / DC-In Connector 8-34 V (4 pin)
1
1 / -
1 / 1 / 1
1
1 / 1
1 / 1 / 1
1 / 1
2 / 1 / -
1 / 1 / 1
- / 1 / 1
1 / 1 / 1
1 / -
1
1 / 1
EXTERNAL CONNECTORS
DisplayPort V1.4 / HDMI / DVI / VGA
Audio Mic. In / Line in / Line out (or driver configuration)
LAN (RJ-45) / PS/2 Keyboard / Mouse
USB 2.0 / USB 3.2 Gen1 / USB 3.2 Gen2
DC-In connector (external input) 8-34 V @ 10 A max.; lockable
Serial COM interface7
3 / - / - / -
- / 1 / 1
2 / - / -
0 / 2 / 2
1
2
1) Multichannel audio only via S/PDIF or DPP
2) Stereo speaker support; 2 W @4Ω
3) Type-C available via Adapter Cable
4) Forced cooling required for high operating temperature range. See TechNotes document for details
5) USB 2.0
6) USB3 connector includes separate USB 2.0 signal pins (2 channels)
7) RS-232; Thereof one port (COM2) supporting RS-232/RS-422/RS-485
K3931‐N Mini‐ITX (2023‐06‐06)
Footer
3
Overview Rev2 –
CURRENT DESIGN
DC‐In
lockable
DPP1           DPP2
DPP3 (shared /w LVDS)
2x USB 3.2
Gen1
2x USB 3.2
Gen2
COM1 (RS232)
COM2 
(RS232/RS422/485)
LAN2
(Intel 2.5G)
LAN1
(Realtek 1G)
Audio 
(LineIn, LineOut)
Optional: USB‐C 
3.2 Gen2
M.2 Key‐M 2230/2242/2280
PCIe x2@G3,  SSD NVMe
M.2 Key‐B 2242/2280
PCIe x1@G3,  SSD SATA
M.2 Key‐E 
2230
WiFi CNVi, 
BT USB
DC‐In 8‐34V
External / Internal
1x SODIMM
DDR5
4800 MHz
Intel Alderlake‐N
SoC 6‐15W
FAN1
Config Jumper
SATA
1x USB 2.0
LVDS Backlight
24bit LVDS
Panel Voltage
EDP
LVDS
Intrusion
Speaker
PCIe x1@G3 (open x4 slot)
Buzzer
CR2032
RTC Battery
USB 3.2 
Gen2 Key‐A
Preliminary Layout
K3931 Rev.2
6‐layer PCB
Preliminary Layout
K3931 Rev.2
6‐layer PCB
170 mm
170 mm
Bild 
austauschen



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com