Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S26361-F5000-R006 Datasheet(PDF) 2 Page - Kontron

Part # S26361-F5000-R006
Description  Intel® Core™ i3 Processors & Intel® Processors N Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

S26361-F5000-R006 Datasheet(HTML) 2 Page - Kontron

  S26361-F5000-R006 Datasheet HTML 1Page - Kontron S26361-F5000-R006 Datasheet HTML 2Page - Kontron S26361-F5000-R006 Datasheet HTML 3Page - Kontron S26361-F5000-R006 Datasheet HTML 4Page - Kontron S26361-F5000-R006 Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.kontron.com
K3931-N mITX
Product Highlights
K3931-N mITX Industrial Series
* Intel® Core™ i3/Processor series (Alder Lake N)
* cTDP – Easy & flexible reduction of CPU TDP down to 6 W
* DDR5-4800 SODIMM, max 32 GByte
* Intel® UHD Gen12 Graphics (within SoC)
* Up to 3x DisplayPort V1.4a
* Dual Channel LVDS (24 bit) and eDP V1.4b
* PCI Express® x1 (Gen3, mechanical x4)
* 8 Bit GPIO & HD Audio onboard
* 3x USB 2.0, 4x USB 3.2 Gen1, 4x USB 3.2 Gen2
* Internal USB 3.2 Gen2 Key-A for USB-C extension cable
* Internal USB2 Stick socket
* 1x Realtek GbE LAN, 1x 2.5GbE incl. Teaming
* 1x SATA 6G
* 1x M.2 2230/2242/2280
(Key-M ,PCIe x2 Gen3/NVMe SSD modules)
* 1x M.2 2242/2280 (Key-B, PCIe x1 Gen3/SATA SSD modules)
* 1x M.2 2230 (Key-E, WLAN/Bluetooth modules,
CNVi support only)
* Intel® integrated iTPM V2.0
* 4x RS-232 support onboard (1x incl. RS485/422) + 1x ccTalk
* HW Watchdog onboard
* WideRange internal/external DC input (8 V – 34 V)
The Industrial Motherboard K3931-N mITX supports the
Intel® Core™ i3 and Intel® Processor series (Alder Lake N) with
latest UHD Gen12 graphics based on Intel® Xe architecture. It is
equipped with three DisplayPorts, one embedded DisplayPort
and one Dual-Channel LVDS (24bit) and supports three indepen-
dent displays with up to 3x 4K resolution. It is also equipped with
extension slots for PCIe and two M.2 connectors, and offers
many other functions like GPIO, four COM ports, one ccTalk port
and USB 3.2 Gen2. Designed and approved for 24/7 continuous
operation and an enhanced temperature range up to 60 °C the
K3931-N mITX fits perfectly with special requirements of certain
markets.
DPP3
(shared /w LVDS)
DC-In
lockable
DPP1
2x USB 3.2
Gen2
2x USB 3.2
Gen1
COM1
(RS232)
Audio
(LineIn, LineOut)
DPP2
LAN2
(Intel 2.5G)
LAN1
(Realtek 1G)
COM2
(RS232/RS422/485)
Technical Information
SYSTEM
PROCESSOR
MEMORY
Intel® Alder Lake N SoC series
N1: Intel® Processor N50 (2C/6W) SoC
N2: Intel® Processor N97 (4C/12W) SoC
N4: Intel® Processor N200 (4C/6W) SoC
N6: Intel® Core™ i3 N305 (8C/15W) SoC
DDR5 4800 SDRAM
1x SO DIMM socket, up to 32 GByte memory, non-ECC
VIDEO
GRAPHICS
Intel® UHD Graphics driven by Intel® Xe with up to 32 execution units (EUs)
Up to 3x DPP V1.4a (up to 4K resolution1)
1x Embedded DP (eDP V1.4b up to 4K resolution2)
1x Dual-Channel 24bit LVDS
Following max. display combinations are supported:
3x DPP / 2x DPP + LVDS or eDP / 1x DPP + eDP + LVDS
AUDIO
AUDIO CODEC
AUDIO INTERFACE
Realtek ALC256
Stereo3, High Definition Audio Codec
NETWORK CONNECTION
ETHERNET 1
ETHERNET 2
Realtek RTL8111H with 10/100/1000 MBit/s,
Wake-on-LAN (WoL) by interesting Packets, Link Status Change and
Magic Packet™, PXE Support, BIOS MAC Address Display, Teaming Support
Intel® i226LM with 10/100/1000/2500 MBit/s, TSN Support, Wake-on-LAN
(WoL) by interesting Packets, Link Status Change and Magic Packet™, PXE
Support, BIOS MAC Address Display, Teaming Support
PERIPHERAL CONNECTION
USB
SERIAL PORT
OTHER I/Os
3x USB 2.0 (by header), 1x USB 2.0 stick socket
2x USB 3.2 Gen1 (Rear), 2x USB 3.2 Gen1 (by header)
2x USB 3.2 Gen2 (Rear), 1x USB 3.2 Gen2 Key A (header) for USB3 Type-C option
1x RS232/422/485; 3x RS232, 1x ccTalk (2x RearIO, 3x by header)
8 Bit GPIO (by header); WLAN LED support, WLAN enable/disable support
3.3 V/5 V/12 V supply voltage output; SMBus controller PCA9554A
1) 3x 4K support only with K39xx-N2 (N97). All other boards: 2x 4K + 1x FHD
2) 4K Resolution on eDP only with K39xx-N2 (N97)
K3931-N Mini-ITX (2023-03-02)
Footer
2
Overview
DC-In
lockable
DPP1
DPP2
DPP3 (shared /w LVDS)
2x USB 3.2
Gen1
2x USB 3.2
Gen2
COM1 (RS232)
COM2
(RS232/RS422/485)
LAN2
(Intel 2.5G)
LAN1
(Realtek 1G)
Audio
(LineIn, LineOut)
Optional: USB-C
3.2 Gen2
M.2 Key-M 2230/2242/2280
PCIe x2@G3, SSD NVMe
M.2 Key-B 2242/2280
PCIe x1@G3, SSD SATA
M.2 Key-E
2230
WiFi CNVi,
BT USB
DC-In 8-34V
External / Internal
1x SODIMM
DDR5
4800 MHz
Intel Alderlake-N
SoC 6-15W
FAN1
Config Jumper
SATA
1x USB2.0
LVDS Backlight
24bit LVDS
Panel Voltage
EDP
LVDS
Intrusion
Speaker
PCIe x1@G3 (open x4 slot)
Buzzer
CR2032
RTC Battery
USB3.2 Gen2
Type-A
USB3.2 Gen1
Header
Preliminary Layout
K3931 Rev.A
6-layer PCB
170 mm
170 mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com