Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1136813 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1136813
Description  QUINT-HP-UPS/120AC/2.5KVA/PT - Uninterruptible power supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1136813 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1136813 Datasheet HTML 1Page - PHOENIX CONTACT 1136813 Datasheet HTML 2Page - PHOENIX CONTACT 1136813 Datasheet HTML 3Page - PHOENIX CONTACT 1136813 Datasheet HTML 4Page - PHOENIX CONTACT 1136813 Datasheet HTML 5Page - PHOENIX CONTACT 1136813 Datasheet HTML 6Page - PHOENIX CONTACT 1136813 Datasheet HTML 7Page - PHOENIX CONTACT 1136813 Datasheet HTML 8Page - PHOENIX CONTACT 1136813 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
yes
Connection in parallel
max. 5 (per battery string)
Connection in series
no
IQ-Technology
yes
Permissible backup fuse
40 A
Temperature sensor
yes
Permissible backup fuse
40 A
Connection data
Input
Position
1.x
Identification
1.1 (L), 1.2 (N), 1.3 ()
Connection technology
Position marking
1.1 (L), 1.2 (N), 1.3 ()
Conductor connection
Connection method
Push-in connection
rigid
4 mm² ... 6 mm²
flexible
4 mm² ... 6 mm²
flexible with ferrule without plastic sleeve
4 mm²
flexible with ferrule with plastic sleeve
4 mm²
AWG
10
Stripping length
10 mm
Output
Position
2.x
Identification
2.1 (L), 2.2 (N), 2.3 ()
Connection technology
Position marking
2.1 (L), 2.2 (N), 2.3 ()
Conductor connection
Connection method
Push-in connection
rigid
4 mm² ... 6 mm²
flexible
4 mm² ... 6 mm²
flexible with ferrule without plastic sleeve
4 mm²
flexible with ferrule with plastic sleeve
4 mm²
AWG
10
Stripping length
10 mm
Output
Position
2.x
Identification
2.4 (L'), 2.5 (N), 2.6 ()
QUINT-HP-UPS/120AC/2.5KVA/PT - Uninterruptible
power supply
1136813
https://www.phoenixcontact.com/us/products/1136813
Mar 24, 2025, 8:06 AM
Page 4 (15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com