Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1136813 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1136813
Description  QUINT-HP-UPS/120AC/2.5KVA/PT - Uninterruptible power supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1136813 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1136813 Datasheet HTML 1Page - PHOENIX CONTACT 1136813 Datasheet HTML 2Page - PHOENIX CONTACT 1136813 Datasheet HTML 3Page - PHOENIX CONTACT 1136813 Datasheet HTML 4Page - PHOENIX CONTACT 1136813 Datasheet HTML 5Page - PHOENIX CONTACT 1136813 Datasheet HTML 6Page - PHOENIX CONTACT 1136813 Datasheet HTML 7Page - PHOENIX CONTACT 1136813 Datasheet HTML 8Page - PHOENIX CONTACT 1136813 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
QUINT AC UPS, IQ Technology, Panel mounting, input: 120 V AC, output: 120 V AC / 2500 VA.
At least 2x 1133819 are required for operation.
Product description
The QUINT HP UPS for panel mounting, with IQ Technology and matching external battery module, ensures superior system availability. The online
topology with a pure sine wave reliably supplies your AC loads with a perfect voltage at powers ranging from 1.5 kVA to 2.5 kVA.
Your advantages
Pure sine wave in normal and battery operation
•
Can be switched in parallel for increased performance, redundancy, or for a 3 AC system
•
Startup from the energy storage system possible, even without mains input
•
Communication platform: Com.board with USB or serial interface
•
Compact design with active cooling
•
Commercial data
Item number
1136813
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
CM30
Product key
CMUW15
GTIN
4063151073237
Weight per piece (including packing)
6,122 g
Weight per piece (excluding packing)
5,700 g
Customs tariff number
85371091
Country of origin
DE
QUINT-HP-UPS/120AC/2.5KVA/PT - Uninterruptible
power supply
1136813
https://www.phoenixcontact.com/us/products/1136813
Mar 24, 2025, 8:06 AM
Page 1 (15)


Similar Part No. - 1136813

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1136811 PHOENIX-1136811 Datasheet
680Kb / 14P
QUINT-HP-UPS/230AC/1.5KVA/PT - Uninterruptible power supply
1136815 PHOENIX-1136815 Datasheet
680Kb / 15P
QUINT-HP-UPS/230AC/2.5KVA/PT - Uninterruptible power supply
More results

Similar Description - 1136813

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T1000 TOSHIBA-T1000 Datasheet
8Mb / 118P
UNINTERRUPTIBLE POWER SYSTEM (UPS)
logo
PHOENIX CONTACT
2320254 PHOENIX-2320254 Datasheet
125Kb / 9P
Uninterruptible power supply - QUINT-UPS/ 24DC/ 24DC/5/1.3AH
09/12/2020
2320267 PHOENIX-2320267 Datasheet
124Kb / 9P
Uninterruptible power supply - QUINT-UPS/ 24DC/24DC/10/3.4AH
09/12/2020
2320270 PHOENIX-2320270 Datasheet
138Kb / 10P
Uninterruptible power supply - QUINT-UPS/ 1AC/ 1AC/500VA
09/12/2020
2800275 PHOENIX-2800275 Datasheet
69Kb / 4P
Uninterruptible power supply - UPS-CP-2KVA/240AC
11/05/2018
2866640 PHOENIX-2866640 Datasheet
115Kb / 8P
Uninterruptible power supply - MINI-DC-UPS/24DC/2
09/12/2020
2905907 PHOENIX-2905907 Datasheet
95Kb / 7P
Uninterruptible power supply - UNO-UPS/24DC/24DC/60W
09/12/2020
2907077 PHOENIX-2907077 Datasheet
115Kb / 9P
Uninterruptible power supply - QUINT4-UPS/24DC/24DC/40
09/12/2020
2320283 PHOENIX-2320283 Datasheet
1Mb / 11P
Uninterruptible power supply - QUINT4-UPS/1AC/1AC/1KVA
12/24/2021
logo
Omron Electronics LLC
BY75SW OMRON-BY75SW Datasheet
2Mb / 70P
Uninterruptible Power Supply (UPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com