Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1136813 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 1136813
Description  QUINT-HP-UPS/120AC/2.5KVA/PT - Uninterruptible power supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1136813 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 1136813 Datasheet HTML 5Page - PHOENIX CONTACT 1136813 Datasheet HTML 6Page - PHOENIX CONTACT 1136813 Datasheet HTML 7Page - PHOENIX CONTACT 1136813 Datasheet HTML 8Page - PHOENIX CONTACT 1136813 Datasheet HTML 9Page - PHOENIX CONTACT 1136813 Datasheet HTML 10Page - PHOENIX CONTACT 1136813 Datasheet HTML 11Page - PHOENIX CONTACT 1136813 Datasheet HTML 12Page - PHOENIX CONTACT 1136813 Datasheet HTML 13Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Comments
Criterion A
Electromagnetic HF field
Standards/regulations
EN 61000-4-3
Electromagnetic HF field
Frequency range
80 MHz ... 6 GHz
Test field strength
10 V/m
Comments
Criterion A
Fast transients (burst)
Standards/regulations
EN 61000-4-4
Fast transients (burst)
± 2 kV
Input
± 2 kV
Output
± 2 kV
± 2 kV
Signal
± 2 kV (Communication parallel operation, battery module)
Comments
Criterion A
Surge voltage load (surge)
Standards/regulations
EN 61000-4-5
Surge voltage load (surge)
Signal
1 kV (asymmetrical)
Comments
Criterion B
± 1 kV (symmetrical)
Input/Output
± 2 kV (asymmetrical)
Conducted interference
Standards/regulations
EN 61000-4-6
Conducted interference
Frequency range
0.15 MHz ... 80 MHz
Signal
10 V (asymmetrical)
Comments
Criterion A
Power frequency magnetic field
Standards/regulations
EN 61000-4-8
Frequency
60 Hz
Signal
30 A/m
Comments
Criterion A
Harmonic and interharmonic components
Standards/regulations
EN 61000-4-13
Harmonic and interharmonic components
QUINT-HP-UPS/120AC/2.5KVA/PT - Uninterruptible
power supply
1136813
https://www.phoenixcontact.com/us/products/1136813
Mar 24, 2025, 8:06 AM
Page 9 (15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com