Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1136813 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 1136813
Description  QUINT-HP-UPS/120AC/2.5KVA/PT - Uninterruptible power supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1136813 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 1136813 Datasheet HTML 7Page - PHOENIX CONTACT 1136813 Datasheet HTML 8Page - PHOENIX CONTACT 1136813 Datasheet HTML 9Page - PHOENIX CONTACT 1136813 Datasheet HTML 10Page - PHOENIX CONTACT 1136813 Datasheet HTML 11Page - PHOENIX CONTACT 1136813 Datasheet HTML 12Page - PHOENIX CONTACT 1136813 Datasheet HTML 13Page - PHOENIX CONTACT 1136813 Datasheet HTML 14Page - PHOENIX CONTACT 1136813 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Drawings
Diagram
Pout [W]
85
90
95
100
500 700 900 1100
100 300
1300 1500 1700 1900 2100 2300
Efficiency (normal operation)
Diagram
Pout [W]
80
85
90
95
500 700 900 1100
100 300
1300 1500 1700 1900 2100 2300
Efficiency (battery operation)
QUINT-HP-UPS/120AC/2.5KVA/PT - Uninterruptible
power supply
1136813
https://www.phoenixcontact.com/us/products/1136813
Mar 24, 2025, 8:06 AM
Page 11 (15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com