Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1136813 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1136813
Description  QUINT-HP-UPS/120AC/2.5KVA/PT - Uninterruptible power supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1136813 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1136813 Datasheet HTML 1Page - PHOENIX CONTACT 1136813 Datasheet HTML 2Page - PHOENIX CONTACT 1136813 Datasheet HTML 3Page - PHOENIX CONTACT 1136813 Datasheet HTML 4Page - PHOENIX CONTACT 1136813 Datasheet HTML 5Page - PHOENIX CONTACT 1136813 Datasheet HTML 6Page - PHOENIX CONTACT 1136813 Datasheet HTML 7Page - PHOENIX CONTACT 1136813 Datasheet HTML 8Page - PHOENIX CONTACT 1136813 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Technical data
Notes
General
Note on the battery
For proper operation of the UPS, at least 2 QUINT-HP-
BAT/PB/48DC/7.0AH/PT (1133819) battery modules are
required.
For longer buffer times, multiples of 2 battery modules must
always be connected to the UPS (2, 4, 6, 8, or 10).
A maximum of 10 batteries can be connected to a single UPS.
Input data
100 V AC -10 % / +20 %
110 V AC -10 % / +20 %
120 V AC -10 % / +15 %
Input voltage
130 V AC -15 % / +10 %
Voltage type of supply voltage
AC
47.5 Hz ... 52.5 Hz
Frequency range (fN)
57 Hz ... 63 Hz
Bypass fuse
40 A T 250 V
Permissible backup fuse
40 A (Listed breaker)
nom. 24 A (100 V AC)
nom. 23.3 A (110 V AC)
nom. 24 A (120 V AC)
nom. 23.4 A (130 V AC)
max. 34.4 A (100 V AC)
max. 31.2 A (110 V AC)
max. 35.4 A (120 V AC)
Current consumption
max. 34.6 A (130 V AC)
Rated short-time current carrying capacity Icw
6 kA
Output data
Classification according to IEC 62040-3
VFI-SS-111
> 94 % (100% load, battery charged)
Efficiency
> 90 % (100% load, battery charged)
Apparent power
2500 VA
Real power
2250 W
Power factor (cos phi)
0.9
Crest factor
2.5
Switch-over time
0 ms
yes
Connection in parallel
max. 3
Connection in series
no
QUINT-HP-UPS/120AC/2.5KVA/PT - Uninterruptible
power supply
1136813
https://www.phoenixcontact.com/us/products/1136813
Mar 24, 2025, 8:06 AM
Page 2 (15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com