Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP91CW60DFG Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TMP91CW60DFG
Description  16 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91CW60DFG Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TMP91CW60DFG Datasheet HTML 35Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 36Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 37Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 38Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 39Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 40Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 41Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 42Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 262 page
background image
Page 36
2007-12-03
TMP91CW60
3.2.4
Detailed Description of the Transfer Mode Register
Note 1: “n” is the corresponding micro DMA channels 0 to 3.
DMADn+/DMASn+: Post-increment (Increment register value after transfer)
DMADn-/DMASn-: Post-decrement (Decrement register value after transfer)
The I/Os in the table mean fixed address and the memory means increment (INC) or decrement (DEC)
addresses.
Note 2: Execution time is under the condition of:
16-bit bus width (Both transfer and destination address area)/0 waits/
fc = 20 MHz/selected high-frequency mode (fc
× 1)
Note 3: Do not use an undefined code for the transfer mode register except for the defined codes listed in the
above table.
(DMAM0 to DMAM3)
0
0
0
Mode
Note: The upper three bit of data programmed to these registers must always be 0.
00
0
Z
Z
Transfer destination address INC mode・・・・・・・・・・I/O to memory
(DMADn+)
← (DMASn)
DMACn
← DMACn − 1
if DMACn = 0 then INTTC is generated
8 states (800 ns)
@ byte/word transfer
12 states (1200 ns)
@ 4-byte/word transfer
00
1
Z
Z
Transfer destination address DEC mode ・・・・・・・・・I/O to memory
(DMADn-)
← (DMASn)
DMACn
← DMACn − 1
if DMACn = 0 then INTTC is generated
8 states (800 ns)
@ byte/word transfer
12 states (1200 ns)
@ 4-byte/word transfer
01
0
Z
Z
Transfer source address INT mode・・・・・・・・・・・・memory to I/O
(DMADn)
← (DMASn+)
DMACn
← DMACn − 1
if DMACn = 0 then INTTC is generated
8 states (800 ns)
@ byte/word transfer
12 states (1200 ns)
@ 4-byte/word transfer
01
1
Z
Z
Transfer source address DEC mode ・・・・・・・・・・・memory to I/O
(DMADn)
← (DMASn-)
DMACn
← DMACn − 1
if DMACn = 0 then INTTC is generated
8 states (800 ns)
@ byte/word transfer
12 states (1200 ns)
@ 4-byte/word transfer
10
0
Z
Z
Address fixed mode・・・・・・・・・・・・・・・・・・・・・I/O to I/O
(DMADn)
← (DMASn)
DMACn
← DMACn − 1
if DMACn = 0 then INTTC is generated
8 states (800 ns)
@ byte/word transfer
12 states (1200 ns)
@ 4-byte/word transfer
1
010
0
Counter mode for counting number of times interrupt is generated
DMASn
← DMASn + 1
DMACn
← DMACn − 1
if DMACn = 0 then INTTC is generated
5 states
(500 ns)
Execution time
ZZ: 0 = Byte transfer, 1 = Word transfer, 2 = 4-byte transfer, 3 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com