Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP91CW60DFG Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TMP91CW60DFG
Description  16 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91CW60DFG Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TMP91CW60DFG Datasheet HTML 7Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 8Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 9Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 10Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 11Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 12Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 13Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 14Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 262 page
background image
Page 8
2007-12-03
TMP91CW60
Note: All pins that have built-in pull-up resistors (other than the RESET pin) can be disconnected from the built-in pull-up
resistor by software.
P95
SCLK1
CTS1
1
IO
IO
I
Port 95: I/O port
Serial Clock I/O 1
Serial Data Send Enable 1 (Clear to Send)
P96
XT1
1
IO
I
Port 96: I/O port
Low-frequency oscillator connection pin
P97
XT2
1
IO
O
Port 97: I/O port
Low-frequency oscillator connection pin
PA0
TB2IN0
INT1
1
IO
I
I
Port A0: I/O port
16-bit timer 2 input 0:Timer B2 count/capture trigger Input 0
Interrupt Request Pin 1: Interrupt request pin with programmable rising edge / falling edge.
PA1
TB2IN1
INT2
1
IO
I
I
Port A1: I/O port
16-bit timer 2 input 1:Timer B2 count/capture trigger Input 1
Interrupt Request Pin 2: Interrupt request on rising edge
PA2
TB2OUT0
1
IO
O
Port A2: I/O port
16-bit timer 2 output 0: Timer B2 Output 0
PA3
TB2OUT1
1
IO
O
Port A3: I/O port
16-bit timer 2 output 1: Timer B2 Output 1
PB0
TB4IN0
INT9
SDA1
1
IO
I
I
IO
Port B0: I/O port
16-bit timer 4 input 0:Timer B4 count/capture trigger Input 0
Interrupt Request Pin 9: Interrupt request pin with programmable rising edge / falling edge.
Serial bus interface data 1 in I2C bus Mode.
PB1
TB4IN1
INT10
SCL1
1
IO
I
I
IO
Port B1: I/O port
16-bit timer 4 input 1:Timer B4 count/capture trigger Input 1
Interrupt Request Pin 10: Interrupt request on rising edge
Serial bus interface clock 1 in I2C bus Mode.
PB2
TB4OUT0
1
IO
O
Port B2: I/O port
16-bit timer 4 output 0: Timer B4 Output 0
PB3
TB4OUT1
1
IO
O
Port B3: I/O port
16-bit timer 4 output 1: Timer B4 Output 1
NMI
1I
Non-Maskable Interrupt Request Pin: Interrupt request pin with programmable falling edge or both
edge.
AM0-1
2
I
Operation mode:Fixed to AM1 "1", AM0 "1".
EMU0-1
2
O
Set to Open pins
RESET
1
I
Reset: initializes TMP91CW60. (with pull-up resistor)
VREFH
1
I
Pin for reference voltage input to AD converter
AVCC
1
Power supply pin for AD converter
AVSS
1
GND pin for AD converter (0 V)
X1/X2
2
IO
High frequency oscillator connection pins
DVCC
3
Power supply pins (All DVCC pins should be connected with the power supply pin.)
DVSS
3
GND pins (0 V) (All DVSS pins should be connected with the GND (0V) pin.)
Table 1-1
Pin Names and Functions(3/3)
Pin
Name
Pin
Number
Input
/
Output
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com