Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP91CW60DFG Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TMP91CW60DFG
Description  16 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91CW60DFG Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TMP91CW60DFG Datasheet HTML 17Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 18Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 19Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 20Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 21Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 22Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 23Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 24Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 262 page
background image
Page 18
2007-12-03
TMP91CW60
Example 3:
X:Don’t care
(Clock gear changing)
To change the clock gear, write the register value to the SYSCR1<GEAR2:0> register. It is necessary the
warm-up time until changing after writing the register value.
There is the possibility that the instruction next to the clock gear changing instruction is executed by the
clock gear before changing. To execute the instruction next to the clock gear switching instruction by the clock
gear after changing, input the dummy instruction as follows (instruction to execute the write cycle).
(3)Internal clock output
The fSYS or fs internal clock can be driven out from the P40/SCOUT pin.
The P40/SCOUT pin is configured as SCOUT (System clock output) by programming the port 4 regis-
ters as follows: P4CR<P40C> = "1" and P4FC<P40F> = "1". The output clock is selected through the
SYSCR2<SCOSEL> bit.
Table 2-3 shows the pin states in each clocking mode when the P40/SCOUT pin is configured as
SCOUT.
2.3.4
Prescaler Clock Controller
For the internal I/O (TMRA01 to TMRA45, TMRB0 to TMRB4, SIO0 to SIO2, SBI0, SBI1) there is a pres-
caler which can divide the clock.
The φT0 clock input to the prescaler is either the clock fFPH divided by 2 or the clock fc/16 divided by 4.
The setting of the SYSCR0<PRCK1> register determines which clock signal is input.
Changing to a clock gear
SYSCR1
EQU
00E1H
LD
(SYSCR1),XXXX0000B
;
Changes fSYS to fc/2.
SYSCR1
EQU
00E1H
LD
(SYSCR1),XXXX0000B
;
Changes fSYS to fc/2.
LD
(DUMMY),00H
;
Dummy instruction
Instruction to be executed after clock gear has changed.
Table 2-3
SCOUT Output States
NORMAL SLOW
HALT mode
IDLE2
IDLE1
STOP
<SCOSEL>="0"
The fs clock is driven out.
HOLD at either "1"
or "0"
<SCOSEL>="1"
The f
SYS clock is driven out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com