| Electronic Components Datasheet Search |
|
TMP91CW60DFG Datasheet(PDF) 49 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP91CW60DFG Datasheet(HTML) 49 Page - Toshiba Semiconductor |
|
49 / 262 page ![]() Page 46 2007-12-03 TMP91CW60 4. Port Function The TMP91CW60 features 83 bit settings which relate to the various I/O ports. As well as general-purpose I/O port functionality, the port pins also have I/O functions which relate to the built-in CPU and internal I/Os. Table 4-1 lists the functions of each port pin. Table 4-1 lists the functions of each port pin. Table 4-2 lists I/O registers and their specifications. Table 4-1 Port Functions (R: PU = with programmable pull-up resistor) (1/2) Port Names Pin Names Number of Pins Direction R Direction Setting Unit Pin Names for Built-in Functions Port0 P00 to P07 8 I/O − Bit AD0 to AD7 Port1 P10 to P17 8 I/O − Bit AD8 to AD15/A8 to A15 Port2 P20 ∼P27 8 I/O − Bit A16 to A23/A0 to A7 Port3 P30 1 I/O − Bit TB3IN0, INT3, SDA0 P31 1 I/O − Bit TB3IN1, INT4, SCL0 P32 1 I/O − Bit WAIT, TB3OUT0 P33 1 I/O − Bit TB3OUT1 Port4 P40 1 I/O PU Bit CS0, SCOUT P41 1 I/O PU Bit CS1, TXD2 P42 1 I/O PU Bit CS2 RXD2 P43 1 I/O PU Bit CS3, SCLK2, CTS2 P44 1 I/O PU Bit ALE Port5 P50 1 I/O − Bit AN0 P51 1 I/O − Bit AN1 P52 1 I/O − Bit AN2 P53 1 I/O − Bit AN3 P54 1 I/O − Bit AN4 P55 1 I/O − Bit AN5 P56 1 I/O − Bit AN6 P57 1 I/O − Bit AN7 Port6 P60 1 I/O − Bit AN8 P61 1 I/O − Bit AN9 P62 1 I/O − Bit AN10 P63 1 I/O − Bit AN11 P64 1 I/O − Bit AN12 P65 1 I/O − Bit AN13 P66 1 I/O − Bit AN14 P67 1 I/O − Bit AN15 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |