Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP91CW60DFG Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TMP91CW60DFG
Description  16 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91CW60DFG Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TMP91CW60DFG Datasheet HTML 5Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 6Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 7Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 8Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 9Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 10Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 11Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 12Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 262 page
background image
Page 6
2007-12-03
TMP91CW60
1.4
Pin Names and Functions
Table 1-1
Pin Names and Functions(1/3)
Pin
Name
Pin
Number
Input
/
Output
Functions
P00-P07
AD0-AD7
8
IO
IO
Port 0: I/O port that allows I/O to be selected at the bit level
Address data (Lower): 0 to 7 address/data bus
P10-P17
AD8-AD15
A8-A15
8
IO
IO
O
Port1: I/O port that allows I/O to be selected at the bit level
Address data (Upper): 8 to 15 of address/data bus
Address: 8 to 15 of address bus
P20-P27
A0-A7
A16-A23
8
IO
O
O
Port 2: I/O port that allows I/O to be selected at the bit level
Address: 0 to 7 of address bus
Address: 16 to 23 of address bus
PZ0
RD
1
O
O
Port Z0: Output port
Read:Strobe signal for reading external memory
PZ1
WR
1
O
O
Port Z1: Output port
Write: Strobe signal for writing data to pins AD0 to AD7
PZ2
HWR
1
IO
O
Port Z2: I/O port (with pull-up resistor)
High write: Strobe signal for writing data to pins AD8 to AD15
PZ3
R/W
1
IO
O
Port Z3: I/O port (with pull-up resistor)
Read/Write: 1 represents Read or Dummy cycle; 0 represents Write cycle.
P30
TB3IN0
INT3
SDA0
1
IO
I
I
IO
Port 30: I/O port
16-bit timer 3 input 0:Timer B3 count/capture trigger Input 0
Interrupt Request Pin 3: Interrupt request pin with programmable rising edge / falling edge.
Serial bus interface data 0 in I2C bus Mode.
P31
TB3IN1
INT4
SCL0
1
IO
I
I
IO
Port 31: I/O port
16-bit timer 3 input 1:Timer B3 count/capture trigger Input 1
Interrupt Request Pin 4: Interrupt request on rising edge
Serial bus interface clock 0 in I2C bus Mode.
P32
WAIT
TB3OUT0
1
IO
I
O
Port 32: I/O port
Wait: Pin used to request CPU bus wait ((1 N) wait mode)
16-bit timer 3 output 0: Timer B3 Output 0
P33
TB3OUT1
1
IO
O
Port 33: I/O port
16-bit timer 3 output 1: Timer B3 Output 1
P40
CS0
SCOUT
1
IO
O
O
Port 40: I/O port (with pull-up resistor)
Chip Select 0: Outputs 0 when address is within specified address area
System Clock Output: Outputs fSYS or fs clock.
P41
CS1
TXD2
1
IO
O
O
Port 41: I/O port (with pull-up resistor)
Chip Select 1: Outputs 0 when address is within specified address area
Serial Send Data 2
P42
CS2
RXD2
1
IO
O
I
Port 42: I/O port (with pull-up resistor)
Chip Select 2: Outputs 0 when address is within specified address area
Serial Receive Data 2
P43
CS3
SCLK2
CTS2
1
IO
O
IO
I
Port 43: I/O port (with pull-up resistor)
Chip Select 3: Outputs 0 when address is within specified address area
Serial Clock I/O 2
Serial Data Send Enable 2 (Clear to Send)
P44
ALE
1
IO
O
Port 44: I/O port (with pull-up resistor)
Address Latch Enable
P50-57
AN0-AN7
8
IO
I
Port 5: I/O port
Analog input: Pin used to input to AD converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com