Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3518ESA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3518ESA
Description  1MHz, 3.2A Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3518ESA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3518ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.3 Nov.26, 2019
AX3518
RDER/MARKING INFORMATION
Order Information
Package Type
ES: SOP-8L-EP
AX3518
Packing
A : Taping
X X X
J8: TDFN-8L (3*3)
Top Marking (SOP-8L-EP)
Top Marking (TDFN-8L 3*3)
Y
AX
Logo
Part number
ID code: internal
WW: 01 ~ 52
Y WWX
3 5 1 8
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
Y Y W W X
3
Part number
ID code: internal
WW: 01~52
5 1 8
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
PVIN, SVIN, REF Pin Voltage
VSS - 0.3 to VSS + 6.5
V
Feedback Pin Voltage
VFB
VSS - 0.3 to VIN + 0.3
V
EN Pin Voltage
VRUN
VSS - 0.3 to VIN + 0.3
V
Switch Pin Voltage
VSW
VSS - 0.3 to VIN + 0.3
V
Power Dissipation
PD
( TJ-TA ) / θJA
mW
Storage Temperature Range
TST
-40 to +150
°C
Operating Temperature Range
TOP
-40 to +85
°C
Junction Temperature
TJ
+125
°C
Thermal Resistance from Junction to case
θJC
SOP-8L-EP=15,
TDFN-8L=15
°C/W
Thermal Resistance from Junction to ambient
θJA
SOP-8L-EP=40,
TDFN-8L=45
°C/W
Note: θJA is measured with the PCB copper area of approximately 1 in2(Multi-layer). That need connect to exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com