Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3518ESA Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX3518ESA
Description  1MHz, 3.2A Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3518ESA Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX3518ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.3 Nov.26, 2019
AX3518
1MHz, 3.2A Synchronous Step-Down
Converter
GENERAL DESCRIPTION
The AX3518 is a 1MHz constant frequency current mode PWM step-down converter. It
is ideal for portable equipment requiring very high current up to 3.2A from single-cell
Lithium-ion batteries while still achieving over 90% efficiency during peak load conditions.
The AX3518 also can run at 100% duty cycle for low dropout operation, extending battery
life in portable systems while light load operation provides very low output ripple for noise
sensitive applications. The AX3518 can supply up to 3.2A output load current from a 2.8V to
5.5V input voltage and the output voltage can be regulated as low as 0.8V. The high
switching frequency minimizes the size of external components while keeping switching
losses low. The internal slope compensation setting allows the device to operate with
smaller inductor values to optimize size and provide efficient operation. The AX3518 is
available in adjustable (0.8V to VIN) output voltage. The device is available in SOP-8L-EP
and TDFN-8 Pb-free packages.
FEATURES
- 2.8V to 5.5V Input Voltage Range
- Output Voltages from 0.8V to VIN
- High Efficiency: Up to 94%
- 1MHz Constant Frequency Operation
- With power saving mode
- Up to 3.2A Output Current
- No Schottky Diode Required
- Current Mode Operation for Excellent Line and Load Transient Response
- Current limit and thermal shutdown protection
- Short Circuit Protect (SCP)
- Build-in Soft Start function
- SOP-8L-EP and TDFN-8 Pb-Free packages
- RoHS and Halogen free compliance.


Similar Part No. - AX3518ESA

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3513 AXELITE-AX3513 Datasheet
1Mb / 15P
1.4MHz, 1A Synchronous Step-Down Converter
Rev.1.9 Oct.30, 2019
AX3513BT AXELITE-AX3513BT Datasheet
1Mb / 15P
1.4MHz, 1A Synchronous Step-Down Converter
Rev.1.9 Oct.30, 2019
AX3513BTA AXELITE-AX3513BTA Datasheet
1Mb / 15P
1.4MHz, 1A Synchronous Step-Down Converter
Rev.1.9 Oct.30, 2019
AX3513Z6 AXELITE-AX3513Z6 Datasheet
1Mb / 15P
1.4MHz, 1A Synchronous Step-Down Converter
Rev.1.9 Oct.30, 2019
AX3513Z6A AXELITE-AX3513Z6A Datasheet
1Mb / 15P
1.4MHz, 1A Synchronous Step-Down Converter
Rev.1.9 Oct.30, 2019
More results

Similar Description - AX3518ESA

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
1MHz, 1A Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3423 EUTECH-EUP3423 Datasheet
89Kb / 1P
3.2A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
3A, 1MHz, Synchronous Step-Down Converter
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
RT8078A RICHTEK-RT8078A Datasheet
176Kb / 12P
4A, 1MHz, Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
3.2A, 5V, 1MHz Synchronous Buck Converter
logo
Richtek Technology Corp...
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com