Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3518ESA Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3518ESA
Description  1MHz, 3.2A Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3518ESA Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3518ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2/14
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.3 Nov.26, 2019
AX3518
BLOCK DIAGRAM
FB
EN
SGND
SVIN
PVIN
SW
PGND
Over-Temperature
and Short - Circuit
Protection
REF
Soft-Star
+
-
-
+
Icomp
Isense
AMP
OSC
SLOPE
COMP
PWM
LOGIC
Izero
COMP
NON -OVERLAP
CONTROL
RESET
SET
Enable Logic
REF
SVIN
I
PIN ASSIGNMENT
The packages of AX3518 are SOP-8L-EP and TDFN-8L; the pin assignment is given by:
(Top View )
1
2
3
4
8
7
6
5
EN
SVIN
SOP-8L-EP
REF
PVIN
PGND
SW
FB
SGND
Exposed
Pad
(SGND)
AX3518
Name
Description
SVIN Signal Supply Input Pin
REF
Reference output pin
SGND Signal Ground Pin
FB
Output Feedback pin
EN
Enable pin, Internal pull-high
function.
H:normal operation
L:Shutdown
PGND Power Ground Pin
SW
Switch
output
pin.
Connect
external inductor here. Minimize
trace area at this pin to reduce
EMI.
PVIN Power Supply Input Pin
TDFN-8L (3*3)
1
2
3
4
5
6
7
8
(GND)
AX3518J8
SVIN
SGND
FB
REF
PVIN
SW
PGND
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com