Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3518ESA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3518ESA
Description  1MHz, 3.2A Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3518ESA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3518ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.3 Nov.26, 2019
AX3518
ELECTRICAL CHARACTERISTICS
(VIN = VEN=3.3V, TA =25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min
Typ
Max Units
Supply Voltage Range
VIN
2.8
-
5.5
V
Feedback Voltage
VFB
0.784 0.800 0.816
V
Feedback Bias Current
IFB
VFB = 0.85V
-
-
±30
nA
REF Voltage
VREF
IREF=0, VIN=2.8V to 5.5V
-
0.8
-
V
Quiescent Current
ICCQ
VFB = 1V
-
250
400
uA
Shutdown Supply Current
ISD
VEN =0V
-
4
10
uA
Switching Current Limit
ILIMIT
3.5
4
-
A
Line Regulation
△ VOUT/VOUT VIN = 3V~5.5V
-
0.04
0.4
%/V
Load Regulation
△ VOUT/VOUT IOUT = 0.01 to 3A
-
0.5
1
%
Oscillation Frequency
FOSC
SW pin
0.8
1
1.2 MHz
R
DS(ON) of P-CH MOSFET
RDSON
VFB=0V, IOUT=1A
-
100
-
mΩ
R
DS(ON) of N-CH MOSFET
RDSON
(Note1)
-
80
-
mΩ
EN pin logic input threshold
voltage
VENL
-
-
0.4
V
VENH
1.5
-
-
EN Pin Input Current
IENH
VEN=VIN
-
±0.1
±1
uA
IENL
VEN=0V
-
4
8
uA
Efficiency
EFFI
VIN=5V,
VOUT=3.3V,IOUT=2A
-
92
-
%
Thermal Shutdown
TSD
-
150
-
°C
Thermal Shutdown
Hysteresis
TSH
-
40
-
°C
Note1: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com