Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3518ESA Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3518ESA
Description  1MHz, 3.2A Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3518ESA Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3518ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3518ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.3 Nov.26, 2019
AX3518
APPLICATION CIRCUIT
VOUT = 0.8 * (1+R2/R3)
R3
600K
C1
22uF
C2
22uF
VOUT=1.2V
VIN=2.8 to 5.5V
R2 = 300K~820K
L1
2.2uH
R2
300K
AX3518
PVIN
EN
SGND
SW
FB
C5
15pF
SVIN
PGND
R1
10R
C3
100nF
C4
100nF
REF
FUNCTION DESCRIPTIONS
Operation
AX3518 is a monolithic switching mode Step-Down DC-DC converter. It utilizes internal
MOSFETs to achieve high efficiency and can generate very low output voltage by using
internal reference at 0.8V. It operates at a fixed switching frequency, and uses the slope
compensated current mode architecture. This Step-Down DC-DC Converter supplies
3200mA output current at input voltage range from 2.8V to 5.5V.
Current Mode PWM Control
Slope compensated current mode PWM control provides stable switching and
cycle-by-cycle current limit for excellent load and line responses and protection of the
internal main switch (P-CH MOSFET) and synchronous rectifier (N-CH MOSFET). During
normal operation, the internal P-CH MOSFET is turned on for a certain time to ramp the
inductor current at each rising edge of the internal oscillator, and switched off when the peak
inductor current is above the error voltage. The current comparator, ICOMP
, limits the peak
inductor current. When the main switch is off, the synchronous rectifier will be turned on
immediately and stay on until either the inductor current starts to reverse, as indicated by the
current reversal comparator, IZERO, or the beginning of the next clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com