Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3702AC Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3702AC
Description  1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702AC Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3702AC Datasheet HTML 1Page - AXElite technology co. ltd AX3702AC Datasheet HTML 2Page - AXElite technology co. ltd AX3702AC Datasheet HTML 3Page - AXElite technology co. ltd AX3702AC Datasheet HTML 4Page - AXElite technology co. ltd AX3702AC Datasheet HTML 5Page - AXElite technology co. ltd AX3702AC Datasheet HTML 6Page - AXElite technology co. ltd AX3702AC Datasheet HTML 7Page - AXElite technology co. ltd AX3702AC Datasheet HTML 8Page - AXElite technology co. ltd AX3702AC Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AX3702
EN
Enable pin
H:normal operation
L:Shutdown
PVIN
Power Supply Input Pin
SVIN
Signal Supply Input Pin
SGND
Signal Ground Pin
FB
Output Feedback pin
SW
Switch output pin. Connect external inductor here. Minimize trace area at
this pin to reduce EMI.
PGND
Power Ground Pin
GND
Ground Pin
VIN
Power Supply Input Pin
NC
No Connect
ORDER/MARKING INFORMATION
Order Information
Top Marking (TDFN-10L)
Top Marking (SOT-23-5L)
3
Part number
ID code: internal
WW: 01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
Y Y W W X
7 0 2
:
45=2045
Top Marking (SOT-23-6L)
Top Marking (SOP-8L-EP)
Z
AX3702
WW:01~26 (A~Z)
27~52 (a~z)
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
ID code:internal
gY WX
:
Z=2044
Logo
Y
AX 3
Part number
ID code:internal
WW: 01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
7 0 2
Y WW X
:
45=2045
3/22
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.4 Sep.30, 2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com