Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3702AC Datasheet(PDF) 10 Page - AXElite technology co. ltd

Part # AX3702AC
Description  1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702AC Datasheet(HTML) 10 Page - AXElite technology co. ltd

Back Button AX3702AC Datasheet HTML 6Page - AXElite technology co. ltd AX3702AC Datasheet HTML 7Page - AXElite technology co. ltd AX3702AC Datasheet HTML 8Page - AXElite technology co. ltd AX3702AC Datasheet HTML 9Page - AXElite technology co. ltd AX3702AC Datasheet HTML 10Page - AXElite technology co. ltd AX3702AC Datasheet HTML 11Page - AXElite technology co. ltd AX3702AC Datasheet HTML 12Page - AXElite technology co. ltd AX3702AC Datasheet HTML 13Page - AXElite technology co. ltd AX3702AC Datasheet HTML 14Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
AX3702
TYPICAL CHARACTERISTICS
CIN=10uF, COUT=10uF
Steady State Test
Steady State Test
Steady State Test
Steady State Test
Steady State Test
Steady State Test
10/22
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.4 Sep.30, 2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com