Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3702AC Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX3702AC
Description  1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702AC Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX3702AC Datasheet HTML 2Page - AXElite technology co. ltd AX3702AC Datasheet HTML 3Page - AXElite technology co. ltd AX3702AC Datasheet HTML 4Page - AXElite technology co. ltd AX3702AC Datasheet HTML 5Page - AXElite technology co. ltd AX3702AC Datasheet HTML 6Page - AXElite technology co. ltd AX3702AC Datasheet HTML 7Page - AXElite technology co. ltd AX3702AC Datasheet HTML 8Page - AXElite technology co. ltd AX3702AC Datasheet HTML 9Page - AXElite technology co. ltd AX3702AC Datasheet HTML 10Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
AX3702
APPLICATION CIRCUIT
VIN
EN
GND
SW
FB
C1
4.7uF
R1
60kΩ
R2
30kΩ
C3
330pF
(Option)
C2
22uF
VOUT=1.8V
L1
2.2uH
VIN
FUNCTION DESCRIPTIONS
Theory of Operation
AX3702 is a constant on-time control synchronous step-down converter that offers
excellent transient response over a wide range of input voltage. It achieves superior light-load
efficiency with extremely low quiescent current.
Constant On-time Control
Constant on-time control step-down converters turn on HS immediately when FB
droops below reference. The HS is turned on for a pre-determined period (on-time) of time to
ramp up the inductor current, and then the LS will be turned on to ramp down the inductor
current. The cycle repeats itself if FB droops below reference again. AX3702 uses proprietary
technique to take into account the load current impact and adjusts the on-time accordingly to
achieve a constant switching frequency over entire load current range.
For AX3702, the on-time is approximately:
Due to its immediate response on FB voltage droop and simplified loop compensation, constant
on-time offers a superior transient response compare to traditional fixed frequency PWM
control step-down converters.
Light Load Operation
In light load condition where the converter operates in discontinuous mode, AX3702
cuts down its quiescent current to as low as 15uA and achieves excellent light load efficiency.
Enable
When input voltage is above the under voltage lock-out threshold, AX3702 can be
enabled by pulling the EN pin to above 1V. AX3702 is disabled if the EN pin is pulled below 0.4
V.
6/22
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.4 Sep.30, 2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com