Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3702AC Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3702AC
Description  1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702AC Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3702AC Datasheet HTML 1Page - AXElite technology co. ltd AX3702AC Datasheet HTML 2Page - AXElite technology co. ltd AX3702AC Datasheet HTML 3Page - AXElite technology co. ltd AX3702AC Datasheet HTML 4Page - AXElite technology co. ltd AX3702AC Datasheet HTML 5Page - AXElite technology co. ltd AX3702AC Datasheet HTML 6Page - AXElite technology co. ltd AX3702AC Datasheet HTML 7Page - AXElite technology co. ltd AX3702AC Datasheet HTML 8Page - AXElite technology co. ltd AX3702AC Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AX3702
ABSOLUTE MAXIMUM RATINGS (at TA= 25°C)
Characteristics
Symbol
Rating
Unit
VIN Pin Voltage
VIN
VSS - 0.3 to VSS + 7
V
2ms Pulse width VIN tolerance
VPLUSE VSS - 0.3 to VSS + 10
V
Feedback Pin Voltage
VFB
VSS - 0.3 to VCC + 0.3
V
EN Pin Voltage
VEN
VSS - 0.3 to VCC + 0.3
V
Switch Pin Voltage
VSW
VSS - 0.3 to VCC + 0.3
V
Peak SW Sink and Source Current
IPSW
2.4
A
Power Dissipation
PD
( TJ-TA) / θJA
mW
Storage Temperature Range
TST
-65 to +150
°C
Operating Temperature Range
TOP
-40 to +85
°C
Junction Temperature
TJ
+125
°C
ESD HBM
HBM
±2
KV
ESD MM
MM
±200
V
Thermal Resistance from Junction
to case
TDFN-10L(3x3)
θJC
7.8
°C/W
SOT-23-6L
130
SOT-23-5L
130
SOP-8L-EP
15
Thermal Resistance from Junction
to ambient
TDFN-10L(3x3)
θJA
105
°C/W
SOT-23-6L
250
SOT-23-5L
250
SOP-8L-EP
75
Note: θJA is measured with the PCB copper area of approximately 1 in2(Multi-layer). That need connect to GND pin
of the AX3702.
4/22
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.4 Sep.30, 2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com