Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3702AC Datasheet(PDF) 7 Page - AXElite technology co. ltd

Part # AX3702AC
Description  1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702AC Datasheet(HTML) 7 Page - AXElite technology co. ltd

Back Button AX3702AC Datasheet HTML 3Page - AXElite technology co. ltd AX3702AC Datasheet HTML 4Page - AXElite technology co. ltd AX3702AC Datasheet HTML 5Page - AXElite technology co. ltd AX3702AC Datasheet HTML 6Page - AXElite technology co. ltd AX3702AC Datasheet HTML 7Page - AXElite technology co. ltd AX3702AC Datasheet HTML 8Page - AXElite technology co. ltd AX3702AC Datasheet HTML 9Page - AXElite technology co. ltd AX3702AC Datasheet HTML 10Page - AXElite technology co. ltd AX3702AC Datasheet HTML 11Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AX3702
Soft Start
AX3702 has built-in soft start of 1ms. During the soft start period, output voltage is
ramped up linearly to the regulation voltage, independent of the load current level and output
capacitor value.
Current Limit and Hiccup Mode
AX3702 has cycle-by-cycle HS current limit protection to prevent inductor current
from running away. Once HS current limit is triggered, AX3702 will turn on LS and wait for the
inductor to drop down to a pre-determined level before the HS can be turned on again. If this
current limit condition is repeated for a sustained long period of time, AX3702 will consider it
over-load or short circuit. Either way, AX3702 will enter hiccup mode, where it stop switching
for a pre-determined period of time before automatically re-try to start up again. It always starts
up with soft-start to limit inrush current and avoid output overshoot.
APPLICATION INFORMATION
Setting the Output Voltage
Application circuit item shows the basic application circuit with AX3702 adjustable
output version. The external resistor sets the output voltage according to the following
equation:
)
2
R
1
R
+
1(
×
V
6.
0
=
V
OUT
Table 1 Resistor select for output voltage setting
VOUT
R2
R1
1.2V
30K
30K
1.5V
30K
45K
1.8V
30K
60K
2.5V
30K
95K
3.3V
30K
135K
Inductor Selection
For most designs, the AX3702 operates with inductors of 1µH to 4.7µH. Low
inductance values are physically smaller but require faster switching, which results in some
efficiency loss. The inductor value can be derived from the following equation:
(
)
f
I
V
V
V
V
L
OSC
L
IN
OUT
IN
OUT
×
×
−
×
=
∆
7/22
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.4 Sep.30, 2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com