Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6604/5 Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX6604/5
Description  Dual Channel LDO Regulators with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6604/5 Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX6604/5 Datasheet HTML 1Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 2Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 3Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 4Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 5Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 6Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 7Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 8Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Nov.16, 2011
AX6604/5
ORDER/MARKING INFORMATION
Order Information
AX6604 X X X
C : SOT-23-6L
Output Type
Package
Packing
A : Taping
(Refer Table)
AX6605 X X X
C : SOT-23-6L
Output Type
Package
Packing
A : Taping
(Refer Table)
P: 1.8V+3.0V
Q: 1.5V+2.5V
R: 3.3V+1.8V
Y: 2.8V+1.5V
Output type code: (VOUT1+VOUT2)
A: 1.5V+2.8V
B: 1.8V+2.8V
C: 1.8V+2.6V
D: 1.8V+3.3V
E: 2.5V+2.8V
F: 2.8V+1.2V
G: 2.8V+1.8V
H: 2.8V+3.0V
J: 2.8V+3.3V
K: 3.0V+3.0V
L: 3.0V+3.3V
M: 3.3V+3.3V
T: 1.5V+3.3V
V: 1.5V+3.0V
W: 1.2V+2.8V
X: 1.2V+1.2V
Top Marking
Identification code
L
WW:01~26 (A~Z)
27~52 (a~z)
Year: A=2010
1=2011
ID code:internal
L Y WX
Appendix
Part Number Identification code
Part Number Identification code
AX6604ACA
LA
AX6605ACA
La
AX6604BCA
LB
AX6605BCA
Lb
AX6604CCA
LC
AX6605CCA
Ld
AX6604DCA
LD
AX6605DCA
Le
AX6604ECA
LE
AX6605ECA
Lf
AX6604FCA
LF
AX6605FCA
Lg
AX6604GCA
LG
AX6605GCA
Lh
AX6604HCA
LH
AX6605HCA
Lj
AX6604JCA
LJ
AX6605JCA
Lm
AX6604KCA
LK
AX6605KCA
Ln
AX6604LCA
LL
AX6605LCA
Lq
AX6604MCA
LM
AX6605MCA
Lr
AX6604PCA
LP
AX6605PCA
Ls
AX6604QCA
LQ
AX6605QCA
Lt
AX6604RCA
LR
AX6605RCA
Lu
AX6604YCA
LS
AX6605YCA
Lw
AX6604TCA
LT
AX6605TCA
Lx
AX6604VCA
LU
AX6605VCA
Ly
AX6604WCA
LV
AX6605WCA
L2
AX6604XCA
LW
AX6605XCA
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com